Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 97 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 97 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 93Page - Intel Corporation 82801AB Datasheet HTML 94Page - Intel Corporation 82801AB Datasheet HTML 95Page - Intel Corporation 82801AB Datasheet HTML 96Page - Intel Corporation 82801AB Datasheet HTML 97Page - Intel Corporation 82801AB Datasheet HTML 98Page - Intel Corporation 82801AB Datasheet HTML 99Page - Intel Corporation 82801AB Datasheet HTML 100Page - Intel Corporation 82801AB Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 414 page
background image
82801AA and 82801AB Datasheet
5-47
Functional Description
5.12
Power Management (D31:F0)
5.12.1
ICH and System Power States
Table 5-32 shows the power states defined for ICH-based platforms. The state names generally match the
corresponding ACPI states.
Table 5-33 shows the transitions rules among the various states. Note that transitions among the
various states may appear to temporarily transition through intermediate states. For example, in
going from S0 to S1, it may appear to pass through the G0/S0/C2 states. These intermediate
transitions and states are not listed in the table.
Table 5-32. General Power States for Systems using ICH
State/
Substates
Legacy Name / Description
G0/S0/C0
Full On: Processor operating. Individual devices may be shut down to save power. The
different processor operating levels are defined by Cx states, as shown in Table 5-33. Within
the C0 state, the ICH can throttle the STPCLK# signal to reduce power consumption. The
throttling can be initiated by software or by the THRM# input signal.
G0/S0/C1
Auto-Halt: Processor has executed a AutoHalt instruction and is not executing code. The
processor snoops the bus and maintains cache coherency.
G0/S0/C2
Stop-Gran: The STPCLK# signal goes active to the processor. The processor performs a
Stop-Grant cycle, halts its instruction stream, and remain in that state until the STPCLK# signal
goes inactive. In the Stop-Grant state, the processor snoops the bus and maintains cache
coherency.
G1/S1
Stop-Grant: Similar to G0/S0/C2 state. ICH also has the option to assert the processor SLP#
signal to further reduce processor power consumption.
G1/S3
Suspend-To-RAM (STR): The system context is maintained in system DRAM, but power is
shut off to non-critical circuits. Memory is retained, and refreshes continue. All clocks stop
except RTC clock.
G1/S4
Suspend-To-Disk (STD): The context of the system is maintained on the disk. All power is
then shut off to the system except for the logic required to resume. Externally appears same as
S5, but may have different wake events.
G2/S5
Soft Off (SOFF): System context is not maintained. All power is shut off except for the logic
required to restart. A full boot is required when waking.
G3
Mechanical OFF (MOFF): System context not maintained. All power is shut off except for the
RTC. No “Wake” events are possible, because the system does not have any power. This state
occurs if the user removes the batteries, turns off a mechanical switch, or if the system power
supply is at a level that is insufficient to power the “waking” logic. When system power returns,
transition depends on the state just prior to the entry to G3 and the AFTERG3 bit in the
GEN_PMCON3 register (D31:F0, offset A4). Refer to Table 5-41 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com