Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 63 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 63 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 59Page - Intel Corporation 82801AB Datasheet HTML 60Page - Intel Corporation 82801AB Datasheet HTML 61Page - Intel Corporation 82801AB Datasheet HTML 62Page - Intel Corporation 82801AB Datasheet HTML 63Page - Intel Corporation 82801AB Datasheet HTML 64Page - Intel Corporation 82801AB Datasheet HTML 65Page - Intel Corporation 82801AB Datasheet HTML 66Page - Intel Corporation 82801AB Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 414 page
background image
82801AA and 82801AB Datasheet
5-13
Functional Description
5.4
PCI DMA
The ICH provides support for the PC/PCI DMA protocol. PC/PCI DMA uses dedicated REQUEST
and GRANT signals to permit PCI devices to request transfers associated with specific DMA
channels. Upon receiving a request and getting control of the PCI bus, ICH performs a two-cycle
transfer. For example, if data is to be moved from the peripheral to main memory, ICH first reads
data from the peripheral and then write it to main memory. The location in main memory is the
Current Address Registers in the 8237. ICH supports up to 2 PC/PCI REQ/GNT pairs, REQ[A:B]#
and GNT[A:B]#.
A 16-bit register is included in the ICH Function 0 configuration space at offset 90h. It is divided
into seven 2-bit fields that are used to configure the 7 DMA channels. Each DMA channel can be
configured to one of two options:
• LPC DMA
• PC/PCI style DMA using the REQ/GNT signals
It is not possible for a particular DMA channel to be configured for more than one style of DMA;
however, the seven channels can be programmed independently. For example, channel 3 could be
set up for PC/PCI and channel 5 set up for LPC DMA.
The ICH REQ[A:B]# and GNT[A:B]# can be configured for support of a PC/PCI DMA Expansion
agent. The PCI DMA Expansion agent can then provide DMA service or ISA Bus Master service
using the ICH DMA controller. The REQ#/GNT# pair must follow the PC/PCI serial protocol
described below.
5.4.1
PCI DMA Expansion Protocol
The PCI expansion agent must support the PCI expansion Channel Passing Protocol defined in
Figure 5-8 for both the REQ# and GNT# pins.
The requesting device must encode the channel request information as shown above, where
CH0–CH7 are one clock active high states representing DMA channel requests 0–7.
The ICH encodes the granted channel on the GNT# line as shown above, where the bits have the
same meaning as shown in Figure 5-8. For example, the sequence [start, bit 0, bit 1, bit 2]=[0,1,0,0]
grants DMA channel 1 to the requesting device, and the sequence [start, bit 0, bit 1, bit 2]=[0,0,1,1]
grants DMA channel 6 to the requesting device.
Figure 5-8. DMA Serial Channel Passing Protocol
PCICLK
Start
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
Bit0
Bit1
Bit2
Start
REQ#
GNT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com