Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 71 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 71 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 67Page - Intel Corporation 82801AB Datasheet HTML 68Page - Intel Corporation 82801AB Datasheet HTML 69Page - Intel Corporation 82801AB Datasheet HTML 70Page - Intel Corporation 82801AB Datasheet HTML 71Page - Intel Corporation 82801AB Datasheet HTML 72Page - Intel Corporation 82801AB Datasheet HTML 73Page - Intel Corporation 82801AB Datasheet HTML 74Page - Intel Corporation 82801AB Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 414 page
background image
82801AA and 82801AB Datasheet
5-21
Functional Description
If a counter is programmed to read/write two-byte counts, the following precaution applies: A
program must not transfer control between writing the first and second byte to another routine
which also writes into that same counter. Otherwise, the counter is loaded with an incorrect count.
The Control Word Register at port 43h controls the operation of all three counters. Several
commands are available:
• Control Word Command. Specifies which counter to read or write, the operating mode, and
the count format (binary or BCD).
• Counter Latch Command. Latches the current count so that it can be read by the system. The
countdown process continues.
• Read Back Command. Reads the count value, programmed mode, the current state of the
OUT pins, and the state of the Null Count Flag of the selected counter.
Table 5-12 lists the six operating modes for the interval counters.
5.6.2
Reading from the Interval Timer
It is often desirable to read the value of a counter without disturbing the count in progress. There
are three methods for reading the counters: a simple read operation, counter Latch Command, and
the Read-Back Command. Each is explained below.
With the simple read and counter latch command methods, the count must be read according to the
programmed format; specifically, if the counter is programmed for two byte counts, two bytes must
be read. The two bytes do not have to be read one right after the other. Read, write, or programming
operations for other counters may be inserted between them.
Simple Read
The first method is to perform a simple read operation. The counter is selected through port 40h
(counter 0), 41h (counter 1), or 42h (counter 2).
Note:
Performing a direct read from the counter does not return a determinate value, because the counting
process is asynchronous to read operations. However, in the case of counter 2, the count can be
stopped by writing to the GATE bit in port 61h.
Table 5-12. Counter Operating Modes
Mode
Function
Description
0
Out signal on end of count (=0)
Output is ‘0’. When count goes to 0, output goes to ‘1’ and
stays at ‘1’ until counter is reprogrammed.
1
Hardware retriggerable one-shot
Output is ‘0’. When count goes to 0, output goes to ‘1’ for
one clock time.
2
Rate generator (divide by n counter)
Output is ‘1’. Output goes to ‘0’ for one clock time, then
back to ‘1’ and counter is reloaded.
3
Square wave output
Output is ‘1’. Output goes to ‘0’ when counter rolls over,
and counter is reloaded. Output goes to ‘1’ when counter
rolls over, and counter is reloaded, etc.
4
Software triggered strobe
Output is ‘1’. Output goes to ‘0’ when count expires for
one clock time.
5
Hardware triggered strobe
Output is ‘1’. Output goes to ‘0’ when count expires for
one clock time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com