| Electronic Components Datasheet Search |
|
82801AB Datasheet(PDF) 95 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82801AB Datasheet(HTML) 95 Page - Intel Corporation |
|
95 / 414 page ![]() 82801AA and 82801AB Datasheet 5-45 Functional Description STPCLK# and CPUSLP# Signals The ICH power management logic controls these active-low open-drain signals. Refer to Section 5.12 for more information on the functionality of these signals. 5.11.2 Dual Processor Issues (ICH: 82801AA only) 5.11.2.1 Signal Differences (ICH: 82801AA only) 5.11.2.2 Power Management (ICH: 82801AA only) In dual processor designs, some of the processor signals are unused or used differently than for uniprocessor designs. Table 5-29. DP Signal Differences Signal Difference A20M# / A20GATE Generally not used, but still supported by ICH. STPCLK# Used for S1 State as well as preparation for entry to S3-S5 Also allows for THERM# based throttling (not via ACPI control methods). Should be connected to both processors. FERR# / IGNNE# Generally not used, but still supported by ICH. Attempting clock control with more than one processor is not feasible, because the MCH does not provide any indication as to which processor is executing a particular Stop-Grant cycle. Without this information, there is no way for the 82801AA ICH to know when it is safe to deassert STPCLK#. Because the S1 state will have the STPCLK# signal active, the STPCLK# signal can be connected to both processors. However, for ACPI implementations, the ICH will not support the C2 state for both processors, since there are not two processor control blocks. The BIOS must indicate that the ICH only supports the C1 state for dual processor designs. However, the THRM# signal can be used for overheat conditions to activate thermal throttling. When entering S1, the ICH asserts STPCLK# to both processors. The ICH will then wait 8 PCI clocks after receipt of the first Stop-Grant Acknowledge cycle before asserting CPUSLP# (if the SLP_EN bit is set to 1). Both processors must immediately respond to the STPCLK# assertion with stop grant acknowledge cycles before the ICH asserts CPUSLP# in order to meet the processor setup time for CPUSLP#. Meeting the processor setup time for CPUSLP# is not an issue if both processors are idle when the system is entering S1. If you cannot guarantee that both processors will be idle, do not enable the SLP_EN bit. Note that setting SLP_EN to 1 is not required to support S1 in a dual processor configuration. S2 is not supported for single or dual processor desktop designs. In going to the S3, S4, or S5 states, the system will appear to pass through the S1 state, and thus STPCLK# and SLP# are also used. During the S3, S4, and S5 states, both processors will lose power. Upon exit from those states, the processors will have their power restored. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |