Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 32 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 28Page - Intel Corporation 82801AB Datasheet HTML 29Page - Intel Corporation 82801AB Datasheet HTML 30Page - Intel Corporation 82801AB Datasheet HTML 31Page - Intel Corporation 82801AB Datasheet HTML 32Page - Intel Corporation 82801AB Datasheet HTML 33Page - Intel Corporation 82801AB Datasheet HTML 34Page - Intel Corporation 82801AB Datasheet HTML 35Page - Intel Corporation 82801AB Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 414 page
background image
Signal Description
2-4
82801AA and 82801AB Datasheet
2.4
IDE Interface
SERR#
I
System Error: SERR# can be pulsed active by any PCI device that detects a system
error condition. Upon sampling SERR# active, the ICH has the ability to generate an
NMI, SMI#, or interrupt.
PME#
I
PCI Power Management Event: PCI peripherals drive PME# to wake the system from
low-power states S1-S5.
REQ[A]# /
GPIO [0]
REQ[B]#/
REQ[5]# /
GPIO[1]
I
PC/PCI DMA Request [A:B]: This request serializes ISA-like DMA Requests for the
purpose of running ISA-compatible DMA cycles over the PCI bus. This is used by
devices such as PCI based Super I/O or audio codecs which need to perform legacy
8237 DMA but have no ISA bus.
When not used for PC/PCI requests, these signals can be used as General Purpose
Inputs.
GNT[A]#/
GPIO[16]
GNT[B]#/
GNT[5]# /
GPIO[17]
O
PC/PCI DMA Acknowledges [A: B]: This grant serializes an ISA-like DACK# for the
purpose of running DMA/ISA Master cycles over the PCI bus. This is used by devices
such as PCI based Super/IO or audio codecs that need to perform legacy 8237 DMA
but have no ISA bus. External pull-up resistors are not required. If external pull-up
resistors are used, they must be tied to the VCC3_3 power rail.
When not used for PC/PCI, these signals can be used as General Purpose Outputs.
Table 2-4. IDE Interface Signals (Sheet 1 of 2)
Name
Type
Description
PDCS1#,
SDCS1#
O
Primary and Secondary IDE Device Chip Selects for 100 Range: For ATA
command register block. This output signal is connected to the corresponding
signal on the primary or secondary IDE connector.
PDCS3#,
SDCS3#
O
Primary and Secondary IDE Device Chip Select for 300 Range: For ATA control
register block. This output signal is connected to the corresponding signal on the
primary or secondary IDE connector.
PDA[2:0],
SDA[2:0]
O
Primary and Secondary IDE Device Address: These output signals are
connected to the corresponding signals on the primary or secondary IDE
connectors. They are used to indicate which byte in either the ATA command block
or control block is being addressed.
PDD[15:0],
SDD[15:0]
I/O
Primary and Secondary IDE Device Data: These signals directly drive the
corresponding signals on the primary or secondary IDE connector.
PDDREQ,
SDDREQ
I
Primary and Secondary IDE Device DMA Request: These input signals are
directly driven from the DRQ signals on the primary or secondary IDE connector. It
is asserted by the IDE device to request a data transfer, and used in conjunction
with the PCI bus master IDE function and are not associated with any AT
compatible DMA channel.
Table 2-3. PCI Interface Signals (Sheet 3 of 3)
Name
Type
Description
NOTES:
1. For the 82810AA, REQ[B]# can instead be used as the 6th PCI bus request.
2. REQ[5]# (shown in column 1) is only available on the ICH (82801AA).
NOTES:
1. For the 82810AA, GNTB# can also be used as the 6th PCI bus master grant
output.
2. GNT[5]# (shown in column 1) is only available on the ICH (82801AA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com