Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 99 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 99 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 95Page - Intel Corporation 82801AB Datasheet HTML 96Page - Intel Corporation 82801AB Datasheet HTML 97Page - Intel Corporation 82801AB Datasheet HTML 98Page - Intel Corporation 82801AB Datasheet HTML 99Page - Intel Corporation 82801AB Datasheet HTML 100Page - Intel Corporation 82801AB Datasheet HTML 101Page - Intel Corporation 82801AB Datasheet HTML 102Page - Intel Corporation 82801AB Datasheet HTML 103Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 414 page
background image
82801AA and 82801AB Datasheet
5-49
Functional Description
5.12.3
SMI#/SCI Generation
Upon any SMI# event taking place, the ICH asserts SMI# to the processor, which causes it to enter
SMM space. SMI# remains active until the EOS bit is set. When the EOS bit is set, SMI# goes
inactive for a minimum of 4 PCICLK. If another SMI event occurs, SMI# is driven active again.
The SCI is a level-mode interrupt that is typically handled by an ACPI-aware operating system. In
non-APIC systems (which is the default), the SCI IRQ is routed to one of the 8259 interrupts
(IRQ 9, 10, or 11). The 8259 interrupt controller must be programmed to level mode for that
interrupt.
In systems using the APIC, the SCI can still be routed to IRQ 9, 10, or 11, or it can be instead
routed to one of the APIC interrupts 20:23. In either case, the interrupt generated internally is
active low level. The interrupt remains low until all SCI sources are removed.
Table 5-35 shows which events can cause an SMI# and SCI. Note that some events can be
programmed to cause either an SMI# or SCI. The usage of the event for SCI (instead of SMI#) is
typically associated with an ACPI-based system. Each SMI# or SCI source has a corresponding
enable and status bit.
Table 5-35. Causes of SMI# and/or SCI
Event
SCI
SMI#
Comment
Setting of the BIOS_STS bit
X
ACPI code in OS sets GBL_RLS bit to cause
BIOS_STS bit active, which causes SMI#.
Setting of the LEGACY_USB_STS
bit
X
Bit set based on address decode or incoming USB
IRQ.
Write access to APM control register
X
OS or BIOS writes to the APMC register. SMM handler
clears.
SW SMI# Timer reaches 0
X
Allows SMM handler to exit temporarily. Another SMI#
occurs about 64 ms later.
Device Trap
X
Indicates that subsystems may need to be powered
back on.
TCO Event (Includes SERR#)
X
X
Can also cause IRQ (other than SCI).
Setting bits in GPE Status Register
with corresponding Enable bit set.
XX
Bits in GPE Status Register include SMBus, TCO,
AC97, RI, PME, USB, THRM and GPIO[n].
Setting of the GBL _STS bit
X
This bit is set when the BIOS sets the BIOS_RLS bit.
The ACPI handler will clear the bit.
Setting any bit in the PM1_STS
register with corresponding _EN bit
set in the PM1_EN bit.
X
X
The SCI/SMI# should be generated, even if waking.
GPIO[n]
X
X
If GPIO programmed as input and individually
enabled, Can be Wake event.
Overflow of Power Management
Timer
XX
Time-out every 2.34 seconds. If the timer is enabled,
will cause a) an SCI, if SCI_EN is set, or b) an SMI#, if
SCI_EN is not set.
THRM# signal
X
X
The THRM# can cause an SMI# or SCI on either the
rising or falling edge. Causes SCI, if SCI_EN is set;
causes SMI#, if SCI_EN not set.
PWRBTN signal
X
X
Can also cause Wake Event
PCI PME# signal
X
X
Can also cause Wake Event
Year 2000 Rollover
X
Does not cause a Wake Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com