Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 103 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 103 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 99Page - Intel Corporation 82801AB Datasheet HTML 100Page - Intel Corporation 82801AB Datasheet HTML 101Page - Intel Corporation 82801AB Datasheet HTML 102Page - Intel Corporation 82801AB Datasheet HTML 103Page - Intel Corporation 82801AB Datasheet HTML 104Page - Intel Corporation 82801AB Datasheet HTML 105Page - Intel Corporation 82801AB Datasheet HTML 106Page - Intel Corporation 82801AB Datasheet HTML 107Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 414 page
background image
82801AA and 82801AB Datasheet
5-53
Functional Description
In case of the PWRBTN# override event, the transition to the S5 is less graceful, since there are no
dependencies on observing Stop-Grant cycles from the processor or on clocks other than the RTC
clock.
Depending on the type of Sleep state desired, the next step the hardware takes is shown in
Table 5-37.
5.12.5.3
Exiting Sleep States
Sleep states (S1-S5) are exited based on Wake events. The Wake events force the system to a full
on state (S0), although some non-critical subsystems will still be shut off and have to be brought
back manually. For example, the hard disk may be shut off during a sleep state and have to be
enabled via a GPIO pin before it can be used.
To enable Wake Events, the possible causes of wake events (and their restrictions) are shown in
Table 5-38.
NOTES:
1. If in the S5 state due to a powerbutton override, the only wake event is power button.
2. This is a wake event from S5 only if the sleep state was entered by setting the SLP_EN and SLP_TYP bits
via software.
Table 5-37. Sleep Types
Sleep Type
Comment
S1
ICH asserts the processor SLP# signal. This lowers the processor’s power consumption. No
snooping is possible in this state.
S2
Not supported.
S3
ICH asserts SLP_S3#. The SLP_S3# signal controls the power to non-critical circuits. Power is
only retained to devices needed to wake from this sleeping state, as well as to the memory.
S4
ICH asserts SLP_S3# and SLP_S5#. The SLP_S5# shuts off the power to the memory
subsystem. Only devices needed to wake from this state should be powered.
S5
Same as S4. ICH asserts SLP_S3# and SLP_S5#. The SLP_S5# signal shuts off the power to
the memory subsystem. Only devices needed to wake from this state should be powered.
Table 5-38. Causes of Wake Events
Cause
States Can
Wake From
How Enabled
RTC Alarm
S1 - S5
(Note 2)
Set RTC_EN bit in PM1_EN Register
Power Button
S1 - S5
(Note 1)
Always enabled as Wake event
GPI[0:n]
S1 - S5
(Note 2)
GPE1_EN register
USB
S1 - S4
Set USB_EN bit in GPE0_EN Register
RI#
S1 - S5
(Note 2)
Set RI_EN bit in GPE0_EN Register
AC97
S1 - S4
Set AC97_EN bit in GPE0_EN Register
PME#
S1 - S5
(Note 2)
Set PME_EN bit in GPE0_EN Register.
SMBALERT#
S1-S4
SMB_WAK_EN in the GPE0 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com