Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 33 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 29Page - Intel Corporation 82801AB Datasheet HTML 30Page - Intel Corporation 82801AB Datasheet HTML 31Page - Intel Corporation 82801AB Datasheet HTML 32Page - Intel Corporation 82801AB Datasheet HTML 33Page - Intel Corporation 82801AB Datasheet HTML 34Page - Intel Corporation 82801AB Datasheet HTML 35Page - Intel Corporation 82801AB Datasheet HTML 36Page - Intel Corporation 82801AB Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 414 page
background image
82801AA and 82801AB Datasheet
2-5
Signal Description
2.5
Low Pin Count (LPC) Interface
PDDACK#,
SDDACK#
O
Primary and Secondary IDE Device DMA Acknowledge: These signals directly
drive the DAK# signals on the primary and secondary IDE connectors. Each is
asserted by the ICH to indicate to IDE DMA slave devices that a given data
transfer cycle (assertion of DIOR# or DIOW#) is a DMA data transfer cycle. This
signal is used in conjunction with the PCI bus master IDE function and are not
associated with any AT-compatible DMA channel.
PDIOR# /
(PDWSTB /
PRDMARDY#)
SDIOR# /
(SDWSTB /
SRDMARDY#)
O
Primary and Secondary Disk I/O Read (PIO and Non-Ultra ATA): This is the
command to the IDE device that it may drive data onto the PDD or SDD lines. Data
is latched by the ICH on the deassertion edge of PDIOR# or SDIOR#. The IDE
device is selected either by the ATA register file chip selects (PDCS1# or SDCS1#,
PDCS3# or SDCS1#) and the PDA or SDA lines, or the IDE DMA acknowledge
(PDDAK# or SDDAK#).
Primary and Secondary Disk Write Strobe (Ultra ATA Writes to Disk): This is
the data write strobe for writes to disk. When writing to disk, ICH drives valid data
on rising and falling edges of PDWSTB or SDWSTB.
Primary and Secondary Disk DMA Ready (Ultra ATA Reads from Disk): This is
the DMA ready for reads from disk. When reading from disk, ICH deasserts
PRDMARDY# or SRDMARDY# to pause burst data transfers.
PDIOW# /
(PDSTOP)
SDIOW# /
(SDSTOP)
O
Primary and Secondary Disk I/O Write (PIO and Non-Ultra ATA): This is the
command to the IDE device that it may latch data from the PDD or SDD lines. Data
is latched by the IDE device on the deassertion edge of PDIOW# or SDIOW#. The
IDE device is selected either by the ATA register file chip selects (PDCS1# or
SDCS1#, PDCS3# or SDCS3#) and the PDA or SDA lines, or the IDE DMA
acknowledge (PDDAK# or SDDAK#).
Primary and Secondary Disk Stop (Ultra ATA): ICH asserts this signal to
terminate a burst.
PIORDY /
(PDRSTB /
PWDMARDY#)
SIORDY /
(SDRSTB /
SWDMARDY#)
I
Primary and Secondary I/O Channel Ready (PIO): This signal will keep the
strobe active (PDIOR# or SDIOR# on reads, PDIOW# or SDIOW# on writes)
longer than the minimum width. It adds wait states to PIO transfers.
Primary and Secondary Disk Read Strobe (Ultra ATA Reads from Disk): When
reading from disk, ICH latches data on rising and falling edges of this signal from
the disk.
Primary and Secondary Disk DMA Ready (Ultra ATA Writes to Disk): When
writing to disk, this is deasserted by the disk to pause burst data transfers.
Table 2-5. LPC Interface Signals
Name
Type
Description
LAD[3:0] /
FWH[3:0]
I/O
LPC Multiplexed Command, Address, Data: Internal pull-ups are provided.
LFRAME# /
FWH[4]
O
LPC Frame: Indicates the start of an LPC cycle, or an abort.
LDRQ[0]#
I
LPC Serial DMA/Master Request Inputs: Used to request DMA or bus master
access. Typically connected to external Super I/O device.
LDRQ[1]# /
GPIO[8]
I
LPC Serial DMA/Master Request Inputs: Second DMA or bus master request. If
LDRQ[1]# is not needed, it can be used as a General Purpose Input.
Table 2-4. IDE Interface Signals (Sheet 2 of 2)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com