| Electronic Components Datasheet Search |
|
82801AB Datasheet(PDF) 28 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82801AB Datasheet(HTML) 28 Page - Intel Corporation |
|
28 / 414 page ![]() Introduction 1-8 82801AA and 82801AB Datasheet AC’97 2.1 Controller The digital link in the ICH is AC’97 Revision 2.1 compliant, supporting two codecs with independent PCI functions for audio and modem. Microphone input and left and right audio channels are supported for a high-quality two-speaker audio solution. Wake on ring from suspend is also supported with an appropriate modem codec. The Audio Codec ‘97 (AC’97) Specification defines a digital link that can be used to attach an audio codec (AC), a modem codec (MC), an audio/modem codec (AMC), or both an AC and an MC. The AC’97 Specification defines the interface between the system logic and the audio or modem codec known as the AC’97 Digital Link. The ability to add cost-effective audio and modem solutions as the platform migrates away from ISA is important. In addition, the AC’97 audio and modem components are software configurable. This reduces configuration errors. The ICH’s AC’97 (with the appropriate codecs) not only replaces ISA audio and modem functionality, but also improves overall platform integration by incorporating the AC’97 digital link. Using the ICH’s integrated AC’97 digital link reduces cost and eases migration from ISA. By using an audio codec, the AC’97 digital link allows for cost-effective, high-quality, integrated audio using the ICH. In addition, an AC’97 soft modem can be implemented with the use of a modem codec. Several system options exist when implementing AC’97. The ICH’s integrated digital link allows two external codecs to be connected to the ICH. The system designer can provide audio with an audio codec, or a modem with a modem codec. For system requiring both audio an a modem, there are two solutions. The audio codec and the modem codec can be integrated into an AMC or separate audio and modem codecs can be connected to the ICH. Modem implementation for different countries must be considered as telephone systems may vary. By using a split design, the audio codec can be on-board and the modem codec can be placed on a riser. Intel is developing an AC’97 digital link connector. With a single integrated codec (or AMC), both audio and modem can be routed to a connector near the rear panel where the external ports can be located. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |