Electronic Components Datasheet Search
  English  ▼

X  

TMS55166 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 61Page - Texas Instruments TMS55166 Datasheet HTML 62Page - Texas Instruments TMS55166 Datasheet HTML 63Page - Texas Instruments TMS55166 Datasheet HTML 64Page - Texas Instruments TMS55166 Datasheet HTML 65Page - Texas Instruments TMS55166 Datasheet HTML 66Page - Texas Instruments TMS55166 Datasheet HTML 67Page - Texas Instruments TMS55166 Datasheet HTML 68Page - Texas Instruments TMS55166 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
DGH (R-PDSO-G64)
PLASTIC SMALL-OUTLINE PACKAGE
4040068 / B 10/94
0,00 MIN
2,38 MAX
1
64
26,42
26,17
0,25
0,45
Seating Plane
0,40
0,70
11,96
32
14,00
12,12
33
14,50
Gage Plane
0,15 NOM
0,25
0,80
M
0,12
0
°–5°
0,10
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Plastic body dimensions do not include mold flash or protrusion. Maximum mold protrusion is 0,125.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com