| Electronic Components Datasheet Search |
|
TMS55166 Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS55166 Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 70 page ![]() TMS55165, TMS55166, TMS55175, TMS55176 262144 BY 16-BIT MULTIPORT VIDEO RAM SMVS463 – DECEMBER 1995 25 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 load color register The load-color-register cycle is performed using normal DRAM write-cycle timing except that DSF is held high on the falling edges of RAS and CAS. The color register is loaded from pins DQ0 – DQ15, which are latched on either the first falling edge of WEx or the falling edge of CAS, whichever occurs later. If only one WEx is low, only the corresponding byte of the color register is loaded. When the color register is loaded, it retains data until power is lost or until another load-color-register cycle is performed (see Figure 16 and Figure 17). RAS CAS A0 – A8 WEx TRG DSF DQ0 – DQ15 12 3 2 3 4 65 6 Load-Color-Register Cycle Block-Write Cycle (no write mask) Block-Write Cycle (nonpersistent write-per-bit) Legend: 1. Refresh address: A0 – A8 are latched on the falling edge of RAS. 2. Row address: A0 – A8 are latched on the falling edge of RAS. 3. Block address A2 – A8 (TMS5516x) or A3 – A8 (TMS5517x) are latched on the falling edge of CAS. 4. Color data: DQ0 – DQ15 are latched on the falling edge CAS or the first falling edge of WEx, whichever occurs first. 5. Write-mask data: DQ0 – DQ15 are latched on the falling edge RAS. 6. Column-mask data: DQ0 – DQ15 are latched on the falling edge CAS or the first falling edge of WEx, whichever occurs first. = don’t care Figure 16. Example of Block Writes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |