Electronic Components Datasheet Search
  English  ▼

X  

TMS55166 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 11Page - Texas Instruments TMS55166 Datasheet HTML 12Page - Texas Instruments TMS55166 Datasheet HTML 13Page - Texas Instruments TMS55166 Datasheet HTML 14Page - Texas Instruments TMS55166 Datasheet HTML 15Page - Texas Instruments TMS55166 Datasheet HTML 16Page - Texas Instruments TMS55166 Datasheet HTML 17Page - Texas Instruments TMS55166 Datasheet HTML 18Page - Texas Instruments TMS55166 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
byte-write (continued)
For late-write or read-modify-write cycles, WEL and WEU are both held high before CAS falls. After CAS falls,
either or both WEL and WEU are brought low to select the corresponding byte or bytes to be written. The data
is latched in with data setup and hold times for DQ0 – DQ15 referenced to the first falling edge of WEx
(see Figure 5).
DQ0 – DQ15
WEU
WEL
CAS
RAS
Valid Input
th(WLD)†
tsu(DWL)†
† See “timing requirements over recommended ranges of supply voltage and operating free-air temperature” table.
Figure 5. Example of a Late-Write Cycle
write-per-bit
The write-per-bit function allows masking any combination of the 16 DQs on any write cycle. The write-per-bit
operation is invoked when either or both WEL and WEU are held low on the falling edge of RAS. Either WEx
allows entry of the entire 16-bit mask on DQ0 – DQ15. Byte control of the mask input is not allowed. If both WEL
and WEU are held high on the falling edge of RAS, the write operation is performed without any masking. There
are two write-per-bit modes: the nonpersistent write-per-bit and the persistent write-per-bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com