Electronic Components Datasheet Search
  English  ▼

X  

TMS55166 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 25Page - Texas Instruments TMS55166 Datasheet HTML 26Page - Texas Instruments TMS55166 Datasheet HTML 27Page - Texas Instruments TMS55166 Datasheet HTML 28Page - Texas Instruments TMS55166 Datasheet HTML 29Page - Texas Instruments TMS55166 Datasheet HTML 30Page - Texas Instruments TMS55166 Datasheet HTML 31Page - Texas Instruments TMS55166 Datasheet HTML 32Page - Texas Instruments TMS55166 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
split-register-transfer read (continued)
QSF indicates which half of the register is being accessed during serial-access operation. When QSF is low,
the serial-address pointer is accessing the lower (least significant) 128 bits of SAM. When QSF is high, the
pointer is accessing the higher (most significant) 128 bits of SAM (see Figure 23). QSF changes state upon
completing a full-register-transfer read cycle. The tap point loaded during the current transfer cycle determines
the state of QSF. QSF also changes state when a boundary between two register halves is reached.
RAS
CAS
DSF
TRG
QSF
SC
Tap
Point N
td(GHQSF)
Full-Register-Transfer Read
With Tap Point N
Split-Register-
Transfer Read
td(CLQSF)
NOTE A: See “timing requirements over recommended ranges of supply voltage and operating free-air
temperature” table.
Figure 22. Example of a Split-Register-Transfer Read After a Full-Register-Transfer Read
127
or 255
td(SCQSF)
RAS
CAS
DSF
TRG
QSF
SC
Tap
Point N
Split-Register-
Transfer Read
With Tap Point N
Split-Register-
Transfer Read
td(MSRL)
td(RHMS)
NOTE A: See “timing requirements over recommended ranges of supply voltage and operating free-air
temperature” table.
Figure 23. Example of Successive Split-Register-Transfer Read Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com