Electronic Components Datasheet Search
  English  ▼

X  

TMS55166 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 10Page - Texas Instruments TMS55166 Datasheet HTML 11Page - Texas Instruments TMS55166 Datasheet HTML 12Page - Texas Instruments TMS55166 Datasheet HTML 13Page - Texas Instruments TMS55166 Datasheet HTML 14Page - Texas Instruments TMS55166 Datasheet HTML 15Page - Texas Instruments TMS55166 Datasheet HTML 16Page - Texas Instruments TMS55166 Datasheet HTML 17Page - Texas Instruments TMS55166 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
byte-write
Byte-write operations can be applied in DRAM-write cycles, block-write cycles, load-write-mask-register cycles,
and load-color-register cycles. Holding either or both WEL and WEU low selects the write mode. In normal write
cycles, WEL enables data to be written to the lower byte (DQ0 – DQ7) and WEU enables data to be written to
the upper byte (DQ8 – DQ15). For early-write cycles, one WEx is brought low before CAS falls. The other WEx
can be brought low before or after CAS falls. The data is latched in with data setup and hold times for
DQ0 – DQ15 referenced to CAS (see Figure 4).
DQ0 – DQ15
WEU
WEL †
CAS
RAS
Valid Input
th(CLD)‡
tsu(DCL)‡
† Either WEx can be brought low prior to CAS to initiate an early-write cycle.
‡ See “timing requirements over recommended ranges of supply voltage and operating free-air temperature” table.
Figure 4. Example of an Early-Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com