| Electronic Components Datasheet Search |
|
TMS55166 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS55166 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 70 page ![]() TMS55165, TMS55166, TMS55175, TMS55176 262144 BY 16-BIT MULTIPORT VIDEO RAM SMVS463 – DECEMBER 1995 11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 functional operation description random access operation Table 4. DRAM Function Table RAS FALL CAS FALL ADDRESS DQ0 – DQ15† MNE FUNCTION CAS TRG WEx‡ DSF DSF RAS CAS § RAS WEL WEU CAS MNE CODE Reserved (do not use) L L L L X X X X X — CBR refresh (no reset) and stop-point set¶ L X L H X Stop Point # X X X CBRS CBR refresh (option reset)|| L X H L X X X X X CBR CBR refresh (no reset)k L X H H X X X X X CBRN DRAM write (nonmasked) H H H L L Row Addr Col Addr X Valid Data RW DRAM write (nonpersistent write-per-bit) H H L L L Row Addr Col Addr Write Mask Valid Data RWM DRAM write (persistent write-per-bit) H H L L L Row Addr Col Addr X Valid Data RWM DRAM block write (nonmasked)h H H H L H Row Addr Block Addr X Col Mask BW DRAM block write (nonpersistent write-per-bit)h H H L L H Row Addr Block Addr Write Mask Col Mask BWM DRAM block write (persistent write-per-bit)h H H L L H Row Addr Block Addr X Col Mask BWM Load write-mask register ◊ H H H H L Refresh Addr X X Write Mask LMR Load color register H H H H H Refresh Addr X X Color Data LCR Legend: X = Don’t care Col Mask = H: Write to address/column enabled Write Mask = H: Write to I/O enabled † DQ0 – DQ15 are latched on either the falling edge of CAS or the first falling edge of WEx, whichever occurs later. ‡ Logic L is selected when either or both WEL and WEU are low. § The column address, the block address, or the tap point is latched on the falling edge of CAS depending upon which function is executed. ¶ CBRS cycle should be performed immediately after the power-up for stop-point mode. # A0 – A3, A8: don’t care; A4 – A7 : stop-point code || CBR refresh (option reset) mode ends persistent write-per-bit mode and stop-point mode. kCBR refresh (no reset) mode does not end persistent write-per-bit mode or stop-point mode. hFor 4-column block write (TMS5516x), block address is A2–A8; for 8-column block write (TMS5517x), block address is A3–A8. ◊ Load-write-mask-register cycle sets the persistent write-per-bit mode. The persistent write-per-bit mode is reset only by the CBR (option reset) cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |