| Electronic Components Datasheet Search |
|
TMS55166 Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS55166 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 70 page ![]() TMS55165, TMS55166, TMS55175, TMS55176 262144 BY 16-BIT MULTIPORT VIDEO RAM SMVS463 – DECEMBER 1995 17 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 persistent write-per-bit The persistent write-per-bit mode is initiated by performing a load-write-mask-register (LMR) cycle. In the persistent write-per-bit mode, the write mask is not overwritten but remains valid over an arbitrary number of write cycles until another LMR cycle is performed, a CBR with reset is executed, or power is removed. The load-write-mask-register cycle is performed using DRAM write-cycle timing with DSF held high on the falling edge of RAS and held low on the falling edge of CAS. A binary code is input to the write-mask register via the DQ pins and latched on either the falling edge of CAS or the first falling edge of WEx, whichever occurs later. Byte write control can be applied to the write mask during the load-write-mask-register cycle. The persistent write-per-bit mode can then be used in exactly the same way as the nonpersistent write-per-bit mode except that the input data on the falling edge of RAS is ignored. When the device is set to the persistent write-per-bit mode, it remains in this mode and is reset only by a CBR refresh ( option reset ) cycle (see Figure 7). RAS CAS A0 – A8 DSF Load Write-Mask Register Persistent Write-Per-Bit DQ0 – DQ15 Write-Mask Write-Data Mask Data = 1 : Write to DQ enabled = 0 : Write to DQ disabled CBR Refresh (option reset) WEx Refresh Address Row Column Figure 7. Example of a Persistent Write-Per-Bit Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |