Electronic Components Datasheet Search
  English  ▼

X  

TMS55166 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 26Page - Texas Instruments TMS55166 Datasheet HTML 27Page - Texas Instruments TMS55166 Datasheet HTML 28Page - Texas Instruments TMS55166 Datasheet HTML 29Page - Texas Instruments TMS55166 Datasheet HTML 30Page - Texas Instruments TMS55166 Datasheet HTML 31Page - Texas Instruments TMS55166 Datasheet HTML 32Page - Texas Instruments TMS55166 Datasheet HTML 33Page - Texas Instruments TMS55166 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial-read operation
The serial-read operation can be performed through the SAM port simultaneously and asynchronously with
DRAM operations except during transfer operations. Serial data is accessed from the SAM at the rising edge
of serial clock SC. SE low enables the outputs. SE high disables the outputs. Holding SE high does not disable
SC. The rising edge of SC automatically increments the internal serial-address counter regardless of the state
of SE. In full-register-transfer operations, the counter proceeds sequentially to the most significant bit (bit 255),
and then wraps around to the least significant bit (bit 0), as shown in Figure 24.
255
254
Tap
2
1
0
Figure 24. Serial-Pointer Direction for Serial Read
In split-register-transfer operations, serial data can be read out from the active half of SAM by clocking SC
starting at the tap point loaded by the preceding split-register-transfer cycle. The serial pointer then proceeds
sequentially to the most significant bit of the half, bit 127 or bit 255. If there is a split-register-transfer read to
the inactive half during this period, the serial pointer points next to the tap point location loaded by that
split-register-transfer (see Figure 25).
127
126
Tap
0
255
254
Tap
128
Figure 25. Serial Pointer for Split-Register Read – Case I
If there is no split-register transfer to the inactive half during this period, the serial pointer points to the next bit,
bit 128 or bit 0, respectively (see Figure 26).
127
126
Tap
0
255
254
Tap
128
Figure 26. Serial Pointer for Split-Register Read – Case II
split-register programmable stop point
The TMS551xx offers programmable stop-point mode for split-register-transfer read operation. This mode can
be used to improve 2-D drawing performance in a nonscanline data format.
In split-register-transfer read operations, the stop point is defined as a register location at which the serial output
stops coming from one half of the SAM and switches to the opposite half of the SAM. While in stop-point mode,
the SAM is divided into partitions whose length is programmed via row addresses A4 – A7 in a CBR set (CBRS)
cycle. The last serial-address location of each partition is the stop point (see Figure 27).
255
128
0
127
Partition
Length
Stop
Points
Figure 27. Example of SAM With Partitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com