Electronic Components Datasheet Search
  English  ▼

X  

TMS55166 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 23Page - Texas Instruments TMS55166 Datasheet HTML 24Page - Texas Instruments TMS55166 Datasheet HTML 25Page - Texas Instruments TMS55166 Datasheet HTML 26Page - Texas Instruments TMS55166 Datasheet HTML 27Page - Texas Instruments TMS55166 Datasheet HTML 28Page - Texas Instruments TMS55166 Datasheet HTML 29Page - Texas Instruments TMS55166 Datasheet HTML 30Page - Texas Instruments TMS55166 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
full-register-transfer read
A full-register-transfer operation loads data from a selected half of a row in the DRAM into the SAM. TRG is
brought low and latched at the falling edge of RAS. Nine row-address bits (A0 – A8) are also latched at the falling
edge of RAS to select one of the 512 rows available for the transfer. The nine column-address bits (A0 – A8)
are latched at the falling edge of CAS, where address bit A8 selects which half of the row is transferred. Address
bits A0 – A7 select one of the SAM’s 256 available tap points from which the serial data is read out (see
Figure 18).
512
× 512
Memory Array
256-Bit
Data Register
0
255 256
511
0
255
A8 = 0
A8 = 1
Figure 18. Full-Register-Transfer Read
A full-register transfer can be performed in three ways: early load, real-time load (or midline load), or late load.
Each of these offers the flexibility of controlling the TRG trailing edge in the full-register-transfer cycle
(see Figure 19).
Early Load
Real-Time Load
Late Load
RAS
CAS
A0 – A8
TRG
WEx
Row
Tap
Point
Row
Tap
Point
Row
Tap
Point
SC
Tap
Bit
Tap
Bit
Tap
Bit
Old
Data
Old
Data
Old
Data
Old
Data
Old
Data
Figure 19. Example of Full-Register-Transfer Read Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com