Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 18Page - Texas Instruments TUSB1211 Datasheet HTML 19Page - Texas Instruments TUSB1211 Datasheet HTML 20Page - Texas Instruments TUSB1211 Datasheet HTML 21Page - Texas Instruments TUSB1211 Datasheet HTML 22Page - Texas Instruments TUSB1211 Datasheet HTML 23Page - Texas Instruments TUSB1211 Datasheet HTML 24Page - Texas Instruments TUSB1211 Datasheet HTML 25Page - Texas Instruments TUSB1211 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
VREF
BGOK
PORZ
DIGPOR
RESETN_PWR
CK32K
MNTR_BAT_OK
MNTR_BUS_OK
CK32KOK
REG1V8_EN
REG3V3_EN
DP
DM
Depending on external DP/DM short
600 mV
REG1V8
MNTR_REG1V8_OK
MNTR_REG3V3_OK
CHGD_VDP_SRC_EN
VBAT
PWR
UP
USB OFF
LDO1
P8EN
LDO3P1EN
USB
ON
CHARGER
DETECTION
NO
PWR
POWER
DOWN
TUSB1211
STATE
CS
VUPR
CS_N
CHRG_EN_N
VBUS
REG1V5
VDDIO
KEY:
Black = Internal Signals
Blue = Primary IOs
us)
REG3V3
TCHG_DEL (61
)
m
s
TMNTR (214 s)
m
TDELRSTPWR (61 s)
m
TCK32K PWON (125 s)
m
TDELMNTRVBATEN (30.5 s)
m
TMNTR_VBUS (14 ms)
TDELREG1V8EN (61
)
m
s
TMNTR (214
)
m
s
TPWONVREG1V8 (100
)
m
s
TPWONREG3V3 (1 m )
s
TDELREG3V3EN (6
)
1 s
m
TMNTR (214
)
m
s
TVBUSDET (10 s)
m
TBGAP (2 ms)
TPWONVDD1V5 (100 s)
m
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
4.33.2 Hardware Charger Detection Power-Up Timing
This scenario corresponds to “dead battery” scenario in USB Battery Charging Specification V1.1.
Here VBUS is plugged while chip is not enabled (CS = 0 or CS_N = 1 or both), with VBAT > VBAT_DET. This
causes the device to power up to and initiate Charger Detection through hardware. See Section 5.3.12 for
details.
Figure 4-2. Power-Up Timing (ULPI Clock Output Mode), "Dead" Battery
22
Specifications
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com