Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 65 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 61Page - Texas Instruments TUSB1211 Datasheet HTML 62Page - Texas Instruments TUSB1211 Datasheet HTML 63Page - Texas Instruments TUSB1211 Datasheet HTML 64Page - Texas Instruments TUSB1211 Datasheet HTML 65Page - Texas Instruments TUSB1211 Datasheet HTML 66Page - Texas Instruments TUSB1211 Datasheet HTML 67Page - Texas Instruments TUSB1211 Datasheet HTML 68Page - Texas Instruments TUSB1211 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
5.4.40 VENDOR_SPECIFIC5
ADDRESS OFFSET
0x8B
PHYSICAL ADDRESS
0x8B
INSTANCE
USB_SCUSB
DESCRIPTION
Vendor-specific interrupt enable register
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
ID_FLOAT_EN
ID_RES_EN
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
RW
0
6
AUTORESUME_WDOG_EN
RW
1
Autoresume watchdog timer enable bit
0b: Disable the Autoresume watchdog timer
1b: Enable the Autoresume watchdog timer
Timer is be initialized and starts counting when the PHY detects a
resume-K.
5
ID_FLOAT_EN
When set to ‘1’, it enables RX CMD’s for high to low or low to high transitions
RW
0
on ID_FLOAT.
4
ID_RES_EN
RW
0
When set to ‘1’, this bit enables RX CMD’s for high to low or low to
high transitions on detection of ACA resistors RID_A , RID_B or
RID_C .
When this bit is set to ‘1’ and any of the above ACA resistors are
detected, TUSB1211 will send an RX CMD to the link with the
alt_int bit set to 1b.
The status of ACA detection can then be read back through status
bits ID_RARBRC_STS <1:0> Setting this bit also forces ID pull-up
(RID_UP) to be enabled irrespective of IDPULLUP bit setting
3
SVLDCONWKB_WDOG _EN
Generate an interrupt event notification when SVLDCONWKB_WDOG
RW
0
watchdog timer times out Note SVLDCONWKB_WDOG watchdog timer is
enabled and disabled separately, see Section 5.3.12 for more details.
2
VBUS_MNTR_RISE_EN
Generate an interrupt event notification when VBUS_MNTR changes from
RW
0
low to high.
1
VBUS_MNTR_FALL_EN
Generate an interrupt event notification when VBUS_MNTR changes from
R
0
high to low.
0
REG3V3IN_MNTR_EN
R
0
Optional feature which can be used to indicate to Link if VBAT level
is high enough to guarantee USB functionality
0b: Disable this monitoring featue
1b: Enable monitoring of REG3V3IN (=VBAT) level through
RXCMD on detection of high to low or low to high transitions on
comparator REG3V3IN_MNTR after debounce.
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
65
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com