Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 25Page - Texas Instruments TUSB1211 Datasheet HTML 26Page - Texas Instruments TUSB1211 Datasheet HTML 27Page - Texas Instruments TUSB1211 Datasheet HTML 28Page - Texas Instruments TUSB1211 Datasheet HTML 29Page - Texas Instruments TUSB1211 Datasheet HTML 30Page - Texas Instruments TUSB1211 Datasheet HTML 31Page - Texas Instruments TUSB1211 Datasheet HTML 32Page - Texas Instruments TUSB1211 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
Table 5-3. HS Differential Receiver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-speed squelch detection threshold (differential
VHSSQ
Ref. USB2.0
100
150
mV
signal amplitude)
High-speed disconnect detection threshold (differential
VHSDSC
Ref. USB2.0
525
625
mV
signal amplitude)
Ref. USB2.0, specified by eye pattern
High-speed differential input signaling levels
mV
templates
High-speed data signaling common mode voltage range
VHSCM
Ref. USB2.0
–50
500 (1)
mV
(guidelines for receiver)
Ref. USB2.0, specified by eye pattern
Receiver jitter tolerance
150
ps
templates
(1)
For low-frequency Chirp signaling, the max common mode voltage range value is 600 mV
5.3.8
HS Differential Transmitter
The HS transmitter is always operated through the ULPI parallel interface. The parallel data on the
interface is serialized, bit stuffed, NRZI encoded, and transmitted as a dc output current on DP or DM
depending on the data. Each line has an effective 22.5-
Ω load to ground, which generates the voltage
levels for signaling.
A disconnect detector is also part of the HS transmitter. A disconnect on the far end of the cable causes
the impedance seen by the transmitter to double thereby doubling the differential amplitude seen on the
DP/DM lines.
5.3.9
Autoresume
Asserting AUTORESUME bit enables the PHY to automatically transmit resume signaling.
Refer to USB2.0 specification Section 7.1.7.7 and Section 7.9 for more details. When autoresume is
enabled, if the PHY detects a resume-K it takes automatically over-driving of the resume-K within 1 ms.
If AUTORESUME_WDOG_EN bit is set (default is 1), then an internal autoresume watchdog timer, based
on the internal 32K oscillator, CK32K, will be initialized and will start counting when the PHY detects a
resume-K.
If AUTORESUME_WDOG_EN bit is set then if the PHY does not receive a TXCMD of the NOPID type
within TAUTORESUME it will stop driving the resume-K and the USB bus will go back to IDLE-J state
Otherwise the PHY will continue to drive the resume-K until it receives a TXCMD of the NOPID type from
the LINK.
5.3.10 UART Transceiver
By setting CARKITMODE bit in IFC_CTRL register, the TUSB1211 device will enter UART mode. In this
mode, the ULPI data bus is redefined as a 2-pin UART interface, which exchanges data through a direct
access to the FS/LS analog transmitter at DM pin and receiver at DP pin. See Figure 5-1 for the USB
UART data flow.
Figure 5-1. USB UART Data Flow
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com