Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 49 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 45Page - Texas Instruments TUSB1211 Datasheet HTML 46Page - Texas Instruments TUSB1211 Datasheet HTML 47Page - Texas Instruments TUSB1211 Datasheet HTML 48Page - Texas Instruments TUSB1211 Datasheet HTML 49Page - Texas Instruments TUSB1211 Datasheet HTML 50Page - Texas Instruments TUSB1211 Datasheet HTML 51Page - Texas Instruments TUSB1211 Datasheet HTML 52Page - Texas Instruments TUSB1211 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
5.4.20 USB_INT_STS
ADDRESS OFFSET
0x13
PHYSICAL ADDRESS
0x13
INSTANCE
USB_SCUSB
DESCRIPTION
Indicates the current value of the interrupt source signal.
TYPE
R
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
IDGND
SESSEND
SESSVALID
VBUSVALID
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
IDGND
Current value of UTMI+ IdGnd output.
R
0
This bit is not updated if IdPullup bit is reset to 0 and for 50 ms after IdPullup is set to
1.
3
SESSEND
Current value of UTMI+ SessEnd output.
R
0
2
SESSVALID
Current value of UTMI+ SessValid output. SessValid is the same as UTMI+ AValid.
R
0
1
VBUSVALID
Current value of UTMI+ VbusValid output.
R
0
0
HOSTDISCONNECT Current value of UTMI+ Hostdisconnect output.
R
0
Applicable only in host mode.
Automatically reset to 0 when Low Power Mode is entered.
NOTE: Reset value is '0' when host is connected.
Reset value is '1' when host is disconnected.
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com