Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 19Page - Texas Instruments TUSB1211 Datasheet HTML 20Page - Texas Instruments TUSB1211 Datasheet HTML 21Page - Texas Instruments TUSB1211 Datasheet HTML 22Page - Texas Instruments TUSB1211 Datasheet HTML 23Page - Texas Instruments TUSB1211 Datasheet HTML 24Page - Texas Instruments TUSB1211 Datasheet HTML 25Page - Texas Instruments TUSB1211 Datasheet HTML 26Page - Texas Instruments TUSB1211 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
4.34 Clock System
4.34.1 USB PLL Reference Clock
The USB PLL block generates the clocks used to synchronize:
•
the ULPI interface (60 MHz clock)
•
the USB interface (depending on the USB data rate, 480 Mbps, 12 Mbps or 1.5 Mbps)
TUSB1211 requires an external reference clock which is used as an input to the 480MHz USB PLL block.
Depending on the clock configuration, this reference clock can be provided either at REFCLK pin or at CLOCK
pin.
By default CLOCK pin is configured as an input.
Two clock configurations are possible:
•
Input clock configuration (see Section 4.34.1.1)
•
Output clock configuration (see Section 4.34.1.2)
4.34.1.1 ULPI Input Clock Configuration
In this mode REFCLK must be externally tied to GND.
CLOCK remains configured as an input.
When the ULPI interface is used in “input clock configuration”, that is, the 60 MHz ULPI clock is provided to
TUSB1211 on CLOCK pin, then this is used as the reference clock for the 480 MHz USB PLL block.
4.34.1.2 ULPI Output Clock Configuration
In this mode a reference clock must be externally provided on REFCLK pin.
When an input clock is detected on REFCLK pin then CLOCK will automatically change to an output, that is, 60
MHz ULPI clock is output by TUSB1211 on CLOCK pin.
Two reference clock input frequencies are supported. REFCLK input frequency is communicated to TUSB1211
through a configuration pin, CFG, see FREFCLK in Section 4.11 for frequency correspondence.
TUSB1211 supports square-wave reference clock input only.
4.35 Clock System
4.35.1 Internal Clock Generator (32 kHz)
An internal clock generator running at 32 kHz has been implemented to provide a low speed low power clock to
the system. This is referred to as CK32K elsewhere in this specification.
4.36 Power Management
This chapter describes the electrical characteristics of the voltage regulators and timing characteristics of the
supplies digitally controlled within the TUSB1211 device.
Copyright © 2011–2015, Texas Instruments Incorporated
Specifications
23
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com