Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1211 Datasheet HTML 1Page - Texas Instruments TUSB1211 Datasheet HTML 2Page - Texas Instruments TUSB1211 Datasheet HTML 3Page - Texas Instruments TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (January 2012) to Revision B
Page
•
Deleted some of the features per the submitted sources
....................................................................... 1
•
Changed the document to the new TI standard layout
......................................................................... 1
•
Changed pin F5 from A to D in the A/D column
................................................................................. 6
•
Added the Analog Output Pins section
............................................................................................ 9
•
Added the word Non to the tile Non-ULPI Pins and replaced the Digital I/O Electrical Characteristics – Non-ULPI
Pins table data
....................................................................................................................... 10
•
Added the Timers and Debounce section
........................................................................................ 13
•
Added the OTG VBUS Specifications
............................................................................................ 14
•
Added the Pullup and Pulldown Resistors table
................................................................................ 17
•
Added Section 4.26
................................................................................................................ 17
•
Added the OTG ID Electrical table
................................................................................................ 17
•
Added the ULPI Interface section
................................................................................................. 20
•
Added the Power-On Timing Diagrams section
................................................................................. 20
•
Added the Internal Clock Generator (32 kHz)
................................................................................... 23
•
Added the Power Provider section
............................................................................................... 24
•
Changed the location of paragraphs from Description to Detailed Description, subsection Overview
................... 26
•
Added the LS/FS Single-Ended Receivers section
............................................................................. 28
•
Added the LS/FS Differential Receiver section
.................................................................................. 28
•
Added the LS/FS Transmitter
...................................................................................................... 28
•
Added the HS Differential Receiver section
..................................................................................... 28
•
Added the HS Differential Transmitter section
.................................................................................. 29
•
Added the Autoresume section
.................................................................................................... 29
•
Added the Register Map section
................................................................................................. 32
•
Added the Application and Implementation section
............................................................................ 70
•
Deleted two List Items from the Unused Pins Connection section
........................................................... 71
•
Added the Layout section
.......................................................................................................... 72
•
Added the Power Supply Recommendations section
.......................................................................... 73
4
Revision History
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com