Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1211 Datasheet HTML 1Page - Texas Instruments TUSB1211 Datasheet HTML 2Page - Texas Instruments TUSB1211 Datasheet HTML 3Page - Texas Instruments TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
TUSB1211 Stand-Alone USB Transceiver Chip
1
Device Overview
1.1
Features
1
• USB2.0 PHY Transceiver Chip, Designed to
• USB HS Start-of-Frame Clock Output Feature
Interface With a USB Controller Through a ULPI
Available on SOF Pin Can be Used to Synchronize
Interface, Fully Compliant With:
Another Application, for Example Audio, With the
USB Packet Stream
– Universal Serial Bus Specification Rev. 2.0
• ULPI Interface:
– On-The-Go Supplement to the USB 2.0
Specification Rev. 1.3
– I/O Interface (1.8 V) Optimized for Non-
Terminated 50-
Ω Line Impedance
– UTMI+ Low Pin Interface (ULPI) Specification
Rev. 1.1
– ULPI CLOCK Pin (60 MHz) Supports Both Input
and Output Clock Configurations
• DP/DM Line External Component Compensation
(Patent #US7965100 B1)
– Fully Programmable ULPI-Compliant Register
Set
• Interfaces to Host, Peripheral, and OTG Device
Cores; Optimized for Portable Devices or System
• Full Industrial-Grade Operating Temperature
ASICs With Built-in USB OTG Device Core
Range from –40°C to 85°C
• Complete USB OTG Physical Front-End
• Available in a TFBGA36 Ball Package
• USB Battery Charger Detection Feature
1.2
Applications
•
Mobile Phones
•
Video Game Consoles
•
Portable Computers
•
Desktop Computers
•
Tablet Devices
•
Portable Music Payers
1.3
Description
The TUSB1211 device is a USB2.0 transceiver chip, designed to interface with a USB controller through a
ULPI interface. The device supports all USB2.0 data rates (high-speed 480 Mbps, full-speed 12 Mbps and
low-speed 1.5 Mbps), and is compliant to both Host and Peripheral modes. The TUSB1211 also supports
a UART mode and legacy ULPI serial modes.
The TUSB1211 device supports the OTG (Ver1.3) optional addendum to the USB 2.0 Specification,
including Host Negotiation Protocol (HNP) and Session Request Protocol (SRP). TUSB1211 also supports
USB Battery Charging Specification Ver1.1 integrating a charger detection module for sensing and control
on DP/DM lines, and ACA (Accessory Charger Adapter) detection and control on ID line.
The DP/DM external component compensation in the transmitter compensates for variations in the series
impendence to match with the data line impedance and the receiver input impedance, to limit data
reflections and, thereby, improve eye diagrams.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1211
BGA MICROSTAR JUNIOR (36)
3.50 mm × 3.50 mm
(1)
For all available packages, see the orderable addendum at the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1211 TI1-TUSB1211 Datasheet
266Kb / 21P
Standalone USB Transceiver Chip
TUSB1211A1ZRQ TI1-TUSB1211A1ZRQ Datasheet
266Kb / 21P
Standalone USB Transceiver Chip
TUSB1211A1ZRQR TI1-TUSB1211A1ZRQR Datasheet
266Kb / 21P
Standalone USB Transceiver Chip
More results

Similar Description - TUSB1211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
ON Semiconductor
NCV7321 ONSEMI-NCV7321 Datasheet
178Kb / 12P
Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7321 ONSEMI-NCV7321_15 Datasheet
156Kb / 14P
Stand-alone LIN Transceiver
July, 2015 ??Rev. 13
NCV7321 ONSEMI-NCV7321_16 Datasheet
152Kb / 14P
Stand-alone LIN Transceiver
August, 2016 ??Rev. 14
logo
Texas Instruments
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
Stand-Alone USB Transceiver Chip Silicon
logo
ON Semiconductor
NCV7329 ONSEMI-NCV7329 Datasheet
141Kb / 12P
Stand-alone LIN Transceiver
May, 2018 ??Rev. 0
NCV7327 ONSEMI-NCV7327 Datasheet
183Kb / 12P
LIN Transceiver, Stand-alone
March, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com