Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1211 Datasheet HTML 1Page - Texas Instruments TUSB1211 Datasheet HTML 2Page - Texas Instruments TUSB1211 Datasheet HTML 3Page - Texas Instruments TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
CHRG_
POL
CHRG_
DET
TFBGA36 PACKAGE
(BOTTOM VIEW)
VBAT
VBUS
REFCLK
SOF
CHRG_
EN_N
FAULT
REG3V3
GND
DIR
REG1V5
DP
GND
ID
PSW
NXT
STP
DM
CS_N
RESET_N
GND
DATA7
DATA0
VDDIO
CS
CFG
VDDIO
DATA6
DATA1
DATA2
DATA3
CLOCK
DATA4
DATA5
A
1
4
2
5
3
6
B
C
D
E
F
NC
(1)
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
3
Pin Configuration and Functions
3.1
Pin Diagram
ZRQ Package
36-Pin TFBGA
Bottom View
(1)
NC = Not Connected
(2)
The size of the device should be 3.5 mm ±0.1 mm by 3.5 mm ±0.1 mm. Height is 1.0 mm typical 1.15 mm max including the solder
balls. The pitch of the device is 0.5 mm. Ball width 0.3 mm ±0.05 mm.
3.1.1
Pin Attributes
Pin Functions
NO.
PIN(1)
NAME
A/D(2)
TYPE(3)
LEVEL(4)
DESCRIPTION
1
D5
NXT
D
O
VDDIO
ULPI NXT output signal
2
B1
DATA0
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
3
A1
DATA1
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
4
A2
DATA2
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
5
A3
DATA3
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
6
A5
DATA4
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
7
A6
DATA5
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
8
B6
DATA6
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
Active-high chip select pin. When low the IC is in power down
9
B3
CS
D
I
VDDIO
and ULPI bus is tri-stated. When high (and CS_N pin iTie to
VDDIO if unused.s low) normal operation.
1.5 V internal LDO output. Connect to external filtering
10
E6
REG1V5
A
POWER
VDD15
capacitor.
11
C6
DATA7
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
(1)
Pin = Package Pin coordinate of
(2)
A/D: A = Analog pin, D = Digital pin
(3)
TYPE: I = Input pin type, O = Output pin type, I/O = Input/Output pin type, POWER = Power supply pin type,
GROUND = Ground type pin
(4)
LEVEL = Pin power supply level
Copyright © 2011–2015, Texas Instruments Incorporated
Pin Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com