Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 68 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 64Page - Texas Instruments TUSB1211 Datasheet HTML 65Page - Texas Instruments TUSB1211 Datasheet HTML 66Page - Texas Instruments TUSB1211 Datasheet HTML 67Page - Texas Instruments TUSB1211 Datasheet HTML 68Page - Texas Instruments TUSB1211 Datasheet HTML 69Page - Texas Instruments TUSB1211 Datasheet HTML 70Page - Texas Instruments TUSB1211 Datasheet HTML 71Page - Texas Instruments TUSB1211 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
5.4.43 VENDOR_SPECIFIC6
ADDRESS OFFSET
0x8E
PHYSICAL ADDRESS
0x8E
INSTANCE
USB_SCUSB
DESCRIPTION
SOF and ACA CFG Register
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SOF_EN
Reserved
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
ACA_RID_B_CFG
RW
0
This bit is used to enable correct configuration of TUSB1211 as a
B-device with ACA connected and nothing (or A-device OFF) at
ACA Accessory port and charger present on ACA Charger Port,
if ACA RID_B is detected on ID pin. It impacts:
a) VA_VBUS_VLD in RX CMD
b) VSESS_VLD in RX CMD
c) VBUS SRP
When this bit is‘1’ and RID_B is detected on ID pin , then mask
VBUS plug detection information from being sent to the link, and
mask
OTG
VBUS
SRP
commands
(CHRGVBUS,
DISCHRGVBUS bits) from the link. Set VA_VBUS_VLD =0 and
VSESS_VLD =0 in RX CMD, and disable RB_SRP_UP,
RB_SRP_DWN
Note:
CHRGVBUS,
DISCHRGVBUS
register
bit
settings
themselves are unchanged but VBUS SRP pullup and pulldown
are disabled.
When this bit is ‘0’ RID_B detection has no impact on
VA_VBUS_VLD detection and VA_SESS_VLD detection in RX
CMD
6
ACA_RID_A_CFG
RW
0
This bit is used to enable correct configuration of TUSB1211 as
an A-device with ACA connected and B-device at ACA
Accessory port and charger connected to Charger Port , if ACA
RID_A is detected on ID pin. It impacts:
a) IDGND detection in RXCMD and
b) Enabling of external VBUS on PSW pin
When this bit is ‘1’ and RID_A is detected on ID pin then
TUSB1211 will be configured as an A-device by set ID=0 in
RXCMD (equivalent to IDGND detected). In addition PSW pin is
deasserted to avoid contention on VBUS pin since the charger at
ACA port already provides VBUS.
When this bit is ‘0’ RID_A detection has no impact on RXCMD
nor PSW pin
5
SOF_EN
RW
0
USB HS Start-of-Frame clock output feature enable
0: Disable HS SOF clock
1: Enable HS SOF clock output on SOF pin
HS USB SOF packet rate is 8kHz
4:0
Reserved
RW
0
68
Detailed Description
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com