Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments TUSB1211 Datasheet HTML 14Page - Texas Instruments TUSB1211 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
4.10 Electrical Characteristics – CLOCK Input
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK input duty cycle
40%
60%
FCLOCK CLOCK nominal frequency
60
MHz
CLOCK input rise/fall time
In % of CLOCK period TCLOCK ( = 1/FCLOCK )
10%
CLOCK input frequency accuracy
250
ppm
CLOCK input integrated jitter
600
ps rms
4.11 Electrical Characteristics – REFCLK
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFCLK input duty cycle
40%
60%
When CFG pin is tied to GND
19.2
FREFCLK REFCLK nominal frequency
MHz
When CFG pin is tied to VDDIO
26
REFCLK input rise/fall time
In % of REFCLK period TREFCLK ( = 1/FREFCLK )
20%
REFCLK input freq accuracy
250
ppm
REFCLK input integrated jitter
600
ps rms
4.12 Electrical Characteristics – CK32K Clock Generator
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output duty cycle
48%
50%
52%
Output frequency
23
32.7
38
kHz
4.13 Thermal Characteristics
THERMAL METRIC(1)
TUSB1211
ZRQ (BGA MICROSTAR JUNIOR)
UNIT
36 PINS
RθJA
Junction-to-ambient thermal resistance(2)
69.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance(3)(4)
41
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance (4)(5)
N/A
°C/W
Junction-to-board thermal resistance or junction-to-pin thermal
RθJB
42
°C/W
resistance(6)
ΨJT
Junction-to-top of package (not a true thermal resistance)(7)
0.9
°C/W
ΨJB
Junction-to-board (not a true thermal resistance)(8)
71
°C/W
(1)
For more information about traditional and new thermal metrics, see the application report, Semiconductor and IC Package Thermal
Metrics (SPRA953).
(2)
Measurement method: EIA/JESD 51-1
(3)
Top is surface of the package facing away from the PCB.
(4)
No current JEDEC specification (see the application report, Semiconductor and IC Package Thermal Metrics (SPRA953).
(5)
Bottom surface is the surface of the package facing towards the PCB.
(6)
Measurement method: EIA/ JESD 51-8
(7)
Measurement method: EIA/JESD 51-2
(8)
Measurement method: EIA/JESD 51-6
Copyright © 2011–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com