Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments TUSB1211 Datasheet HTML 14Page - Texas Instruments TUSB1211 Datasheet HTML 15Page - Texas Instruments TUSB1211 Datasheet HTML 16Page - Texas Instruments TUSB1211 Datasheet HTML 17Page - Texas Instruments TUSB1211 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
4.18 OTG VBUS Electrical
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VBUS COMPARATORS
RVBUS = 0
Ω and R1KSERIES = 0
4.4
4.5
4.625
RVBUS = 1000
Ω ±10% and
4.4
4.5
4.625
R1KSERIES = 1
VA_VBUS_VLD
A-device VBUS valid
V
RVBUS = 1200
Ω ±10% and
4.4
4.5
4.625
R1KSERIES = 1
RVBUS = 1800
Ω ±10% and
4.4
4.5
4.675
R1KSERIES = 1
VSESS_VLD
A-device session valid
0.8
1.4
2.0
V
VB_SESS_VLD
B-device session valid
2.1
2.4
2.7
V
VB_SESS_END
B-device session end
0.2
0.5
0.8
V
VBUS LINE
SRP (VBUS pulsing) capable A-device not driving
VBUS,
A-device VBUS input
RVBUS_IDLE_A
For VBUS < VSESS_VLD, (When bit RABUSIN_EN=1
40
100
k
Ω
impedance to ground
RVBUS_IDLE_A / RVUS_IDLE_A_HI_RANGE impedance
controlled automatically by hardware)
SRP (VBUS pulsing) capable A-device not driving
VBUS
A-device VBUS input
For VBUS > VSESS_VLD
RVUS_IDLE_A_HI_RANGE
impedance to ground (for
70
100
k
Ω
(When bit RABUSIN_EN=1 RVBUS_IDLE_A /
VBUS hi-range)
RVUS_IDLE_A_HI_RANGE impedance controlled
automatically by hardware)
When bit RABUSIN_EN = 0
B-device VBUS input
RVBUS_IDLE_B
For VBUS in range [0 V : 20 V]
150
220
400
k
Ω
impedance to ground
(Not valid for negative values of VBUS)
B-device VBUS SRP
RB_SRP_DWN
5
10
20
k
Ω
pulldown
RB_SRP_UP
B-device VBUS SRP pullup
0.85
1.3
1.75
k
Ω
RVBUS = 0 Ω and
31.4
R1KSERIES = 0
RVBUS = 1000 Ω ±10% and
57.8
B-device VBUS SRP rise
0 to 2.1 V
R1KSERIES = 1
tRISE_SRP_UP_MAX
time maximum for OTG-A
with < 13
μF
ms
RVBUS = 1200 Ω ±10% and
communication
load,
64
R1KSERIES = 1
RVBUS = 1800 Ω ±10% and
85.4
R1KSERIES = 1
RVBUS = 0 Ω and
46.2
R1KSERIES = 0
RVBUS = 1000 Ω ±10% and
96
B-device VBUS SRP rise
0.8 to 2.0 V
R1KSERIES = 1
tRISE_SRP_UP_MIN
time minimum for
with > 97
μF
ms
RVBUS = 1200 Ω ±10% and
standard host connection
load,
100
R1KSERIES = 1
RVBUS = 1800 Ω ±10% and
100
R1KSERIES = 1
VBUS line maximum
–2
20
V
voltage
14
Specifications
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com