Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments TUSB1211 Datasheet HTML 14Page - Texas Instruments TUSB1211 Datasheet HTML 15Page - Texas Instruments TUSB1211 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
4.14 REG3V3 Internal LDO Regulator Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINREG3V3
Input voltage
VBAT
VOUT(typ) + 0.15
3.6
4.8
V
On mode – REG3V3_VSEL<2:0> = ‘000
2.4
2.5
2.6
On mode – REG3V3_VSEL<2:0> = ‘001
2.65
2.75
2.85
On mode – REG3V3_VSEL<2:0> = ‘010
2.9
3.
3.1
On mode – REG3V3_VSEL<2:0> = ‘011
3
3.1
3.2
Output voltage
(default)
VVDD33
V
ACTIVE mode
On mode – REG3V3_VSEL<2:0> = ‘100
3.1
3.2
3.3
On mode – REG3V3_VSEL<2:0> = ‘101
3.2
3.3
3.4
On mode – REG3V3_VSEL<2:0> = ‘110
3.3
3.4
3.5
On mode – REG3V3_VSEL<2:0> = ‘111
3.4
3.5
3.6
Output voltage
VBAT_DB < VBAT < 3.1 V
VBAT – 0.05
VBAT
VBAT + 0.05
hardware charger
VVDD33_DB
V
detection
VBAT > 3.1 V
3
3.1
3.2
(dead battery) mode
VBAT: ACTIVE mode,
IREG3V3
Rated output current
Hardware charger detection (dead battery)
15
mA
mode
Rated output current:
IREG3V3_SUSP
Suspend mode/reset mode
1
mA
IREG3V3_SUSP
4.15 REG1V8 Internal LDO Regulator Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINREG1V8
Input voltage
On mode : VINREG1V8 = VBAT
2.4
3.6
4.8
V
VREG1V8
Output voltage
1.75
1.87
1.98
V
IREG1V8
Rated output current
On mode
30
mA
4.16 REG1V5 Internal LDO Regulator Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINREG1V8
Input voltage
On mode : VINREG1V8 = VBAT
2.4
3.6
4.8
V
VREG1V8
Output voltage
1.45
1.56
1.65
V
IREG1V8
Rated output current
On mode
50
mA
12
Specifications
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com