Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments TUSB1211 Datasheet HTML 14Page - Texas Instruments TUSB1211 Datasheet HTML 15Page - Texas Instruments TUSB1211 Datasheet HTML 16Page - Texas Instruments TUSB1211 Datasheet HTML 17Page - Texas Instruments TUSB1211 Datasheet HTML 18Page - Texas Instruments TUSB1211 Datasheet HTML 19Page - Texas Instruments TUSB1211 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
FS Transmitter (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total source jitter
(including frequency tolerance):
Ref. USB2.0,
TDJ1
To next transition
covered by eye diagram
–2
2
ns
TDJ2
For paired transitions
–1
1
Ref. USB2.0,
TFEOPT
Source SE0 interval of EOP
160
175
ns
covered by eye diagram
Downstream eye diagram
Ref. USB2.0,
covered by eye diagram
Upstream eye diagram
4.23 HS Transmitter
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHSOI
High-speed idle level
Ref. USB2.0
–10
10
mV
VHSOH
High-speed data signaling high
Ref. USB2.0
360
440
mV
VHSOL
High-speed data signaling low
Ref. USB2.0
–10
10
mV
VCHIRPJ
Chirp J level (differential voltage)
Ref. USB2.0
700
1100
mV
VCHIRPK
Chirp K level (differential voltage)
Ref. USB2.0
–825
–500
mV
Rise time (10% to 90%)
500
THSR
Ref. USB2.0, covered by eye diagram
ps
Fall time (10% to 90%)
500
Driver output resistance
ZHSDRV
(which also serves as high-speed
Ref. USB2.0
40.5
49.5
Ω
termination)
THSDRAT
High-speed data range
Ref. USB2.0, covered by eye diagram
479.76
480.24
Mb/s
Data source jitter
Ref. USB2.0, covered by eye diagram
Downstream eye diagram
Ref. USB2.0, covered by eye diagram
Upstream eye diagram
Ref. USB2.0, covered by eye diagram
16
Specifications
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com