Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 63 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 59Page - Texas Instruments TUSB1211 Datasheet HTML 60Page - Texas Instruments TUSB1211 Datasheet HTML 61Page - Texas Instruments TUSB1211 Datasheet HTML 62Page - Texas Instruments TUSB1211 Datasheet HTML 63Page - Texas Instruments TUSB1211 Datasheet HTML 64Page - Texas Instruments TUSB1211 Datasheet HTML 65Page - Texas Instruments TUSB1211 Datasheet HTML 66Page - Texas Instruments TUSB1211 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
1
CHGD_SERX_DP
R
0x0
Read-only status bit showing status of debounced charger
detection single-ended receiver comparator on DP
0: VDP < [0.8V : 2.0V] SERX threshold
1: VDP > [0.8V : 2.0V] SERX threshold
Note: This comparator and status bit is enabled automatically in the
following scenarios:
•
When charger detection FSM is enabled and VDP_SRC or
IDP_SRC are enabled by FSM
•
When SW_CONTROL=1 and DP_VSRC_EN =1
•
When SW_CONTROL=1 and CHGD_IDP_SRC_EN=1
•
When DP_WKPU_EN bit is enabled
In all other cases (including when DP 1.5K pullup is enabled by SW
for CDP/DCP/SDP differentiation after SW charger detection step)
this status bit should be ignored and LINESTATE<1:0> bits in
DEBUG register, or RXCMD should be used for DP/DM detection
0
CHGD_SERX_DM
R
0x0
Read-only status bit showing status of debounced charger
detection single-ended receiver comparator on DM
0: VDM < [0.8V : 2.0V] SERX threshold
1: VDM > [0.8V : 2.0V] SERX threshold
Note: This comparator and status bit is enabled automatically in the
following scenarios:
•
When charger detection FSM is enabled and VDP_SRC or
IDP_SRC are enabled by FSM
•
When SW_CONTROL=1 and DP_VSRC_EN =1
•
When SW_CONTROL=1 and CHGD_IDP_SRC_EN=1
•
When DP_WKPU_EN bit is enabled
In all other cases (including when DP 1.5K pullup is enabled by SW
for CDP/DCP/SDP differentiation after SW charger detection step)
this status bit should be ignored and LINESTATE<1:0> bits in
DEBUG register, or RXCMD should be used for DP/DM detection
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
63
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com