Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 59 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 55Page - Texas Instruments TUSB1211 Datasheet HTML 56Page - Texas Instruments TUSB1211 Datasheet HTML 57Page - Texas Instruments TUSB1211 Datasheet HTML 58Page - Texas Instruments TUSB1211 Datasheet HTML 59Page - Texas Instruments TUSB1211 Datasheet HTML 60Page - Texas Instruments TUSB1211 Datasheet HTML 61Page - Texas Instruments TUSB1211 Datasheet HTML 62Page - Texas Instruments TUSB1211 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
5.4.33 VENDOR_SPECIFIC2_LATCH
ADDRESS OFFSET
0x84
PHYSICAL ADDRESS
0x84
INSTANCE
USB_SCUSB
DESCRIPTION
These bits are set by the PHY when an unmasked change occurs on the corresponding internal signal.
The PHY will automatically clear all bits when the Link reads this register, or when Low Power Mode is
entered. The PHY also clears this register when Serial mode is entered regardless of the value of
ClockSuspendM.
The PHY follows the rules defined in Table 26 of the ULPI spec for setting any latch register bit.
TYPE
R
WRITE LATENCY
7
6
5
4
3
2
1
0
ID_RARBRC_LATCH<1:0>
Reserved
BVALID_LATCH
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
VBUS_MNTR_LATCH
Set to ‘1’ when an unmasked event occurs on VBUS_MNTR comparator Clear on read
R
0
register.
6
REG3V3IN_MNTR_LATCH
Set to ‘1’ when an unmasked event occurs on REG3V3IN_MNTR. comparator Clear on
R
0
read register.
5
SVLDCONWKB_WDOG _LATCH
Set to ‘1’ when an unmasked event occurs on SVLDCONWKB_WDOG,that is,, when
R
0
watchdog counter has expired. Clear on read register.
4
ID_FLOAT_LATCH
Set to ‘1’ when an unmasked event occurs on ID_FLOAT detection. Clear on read
R
0
register.
3:2
ID_RARBRC_LATCH<1:0>
R
0x0
Set according to table below when an unmasked event occurs on ACA Detection status output
00: No ACA event detected
01: ACA event. Detected
10: ACA event. Detected
11: ACA event. Detected
1
Reserved
R
0
0
BVALID_LATCH
Set to ‘1’ when an unmasked event occurs on VB_SESS_VLD comparator. Clear on read
R
0
register.
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
59
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com