Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 2Page - Texas Instruments TUSB1211 Datasheet HTML 3Page - Texas Instruments TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
NO.
PIN(1)
NAME
A/D(2)
TYPE(3)
LEVEL(4)
DESCRIPTION
REFCLK clock frequency configuration pin.
12
B4
CFG
D
I
VDDIO
Two frequencies are supported: 19.2 MHz when 0, or 26 MHz
when 1.
13
D1
DP
A
I/O
VDD33
DP pin of the USB connector
14
C1
DM
A
I/O
VDD33
DM pin of the USB connector
3.3 V internal LDO output. Connect to external filtering
15
E3
REG3V3
A
POWER
VDD33
capacitor.
16
F3
VBAT
A
POWER
VBAT
Input supply voltage or battery source. Nominally 3.3 V to 4.5 V
17
F4
VBUS
A
I/O
VBUS
VBUS pin of the USB connector
18
D3
ID
A
I/O
VBUS
Identification (ID) pin of the USB connector
ULPI 60-MHz clock on which ULPI data is synchronized. 2
modes are possible:
Input Mode: CLOCK defaults as an input (this is the default
19
A4
CLOCK
D
I/O
VDDIO
clock mode)
Output Mode: When an input clock is detected on REFCLK pin
then CLOCK will change to an output
Active low chip reset pin. Minimum pulse width 100 µs. When
low all digital logic (except 32-kHz logic required for power-up
sequencing and charger detection state-machine) including
20
C4
RESET_N
D
I
VDDIO
registers are reset to their default values. ULPI bus is in “ULPI
Synchronous mode power-up PLL OFF” state as described in
Table 5-5. When high normal USB operation.
21
D6
STP
D
I
VDDIO
ULPI STP input signal
22
E5
DIR
D
O
VDDIO
ULPI DIR output signal
External 1.8-V supply input for digital I/Os. Connect to external
23
B5
VDDIO
A
I
VDDIO
filtering capacitor.
External 1.8-V supply input for digital I/Os. Connect to external
24
B2
VDDIO
A
I
VDDIO
filtering capacitor.
25
C5
GND
A
GROUND
GND
Ground
26
D2
GND
A
GROUND
GND
Ground
27
E4
GND
A
GROUND
GND
Ground
Reference clock input.
Input reference clock frequency must be indicated by CFG pin.
28
F5
REFCLK
D
I
VDDIO
Two frequencies are supported: 19.2 MHz (when CFG = 0), and
26 MHz (when CFG = 1).
HS USB SOF (Start-of-Frame) output clock. (feature controlled
29
F6
SOF
D
O
VDDIO
by SOF_EN bit, disabled and output logic low by default.). HS
USB SOF packet rate is 8 kHz.
30
C2
NC
—
—
Not connected
Active-low chip select pin. When high the IC is in power down
31
C3
CS_N
D
I
VDDIO
and ULPI bus is tri-stated. When low (and CS pin is high)
normal operation. Tie to GND if unused.
Active low input pin used to enable Battery Charging Detection
in Dead Battery Charger Detection mode. This pin is ignored in
32
E1
CHRG_EN_N
D
I
VBAT
ACTIVE mode. Connect to GND to activate. Connect to VBAT
when charger detection not required.
VBUS fault detector input used as
EXTERNALVBUSINDICATOR in TUSB1211. The link must
enable VBUS fault detection through the
USEEXTERNALVBUSINDICATOR register bit, and the polarity
33
E2
FAULT
D
I
VBAT
must be set through the INDICATORCOMPLEMENT register
bit. INDICATORPASSTHRU bit can be used to qualify FAULT
with the internal vbusvalid comparator. Connect to GND if not
used. This pin is 5-V tolerant.
When connected to GND then CHRG_DET output pin is active
34
F1
CHRG_POL
D
I
VBAT
low. When connected to VBAT then CHRG_DET output pin is
active high.
6
Pin Configuration and Functions
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com