Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 37Page - Texas Instruments TUSB1211 Datasheet HTML 38Page - Texas Instruments TUSB1211 Datasheet HTML 39Page - Texas Instruments TUSB1211 Datasheet HTML 40Page - Texas Instruments TUSB1211 Datasheet HTML 41Page - Texas Instruments TUSB1211 Datasheet HTML 42Page - Texas Instruments TUSB1211 Datasheet HTML 43Page - Texas Instruments TUSB1211 Datasheet HTML 44Page - Texas Instruments TUSB1211 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
Enable sampling of the ID line when IDPULLUP_WK_EN = 1
Note Weak pull-up (RID_UP_WK) on ID is enabled when IDPULLUP = 0 to avoid floating
condition, but sampling is not enabled unless IDPULLUP_WK_EN = 1
1b
Enable sampling of ID line and strong pullup resistor (RID_UP) on ID
:
Note: If ACA_DET_EN=1, then ID strong pullup resistor will be enabled automatically during
ACA detection states (ACA_DETECTION, ACA_SETUP) of the charger detection state-
machine , irrespective of status of IDPULLUP bit. This is to ensure correct functionality of ID
ACA RA/RB/RC detection comparators. Otherwise ID pullup is controlled as described above.
5.4.12 OTG_CTRL_SET
ADDRESS OFFSET
0x0B
PHYSICAL ADDRESS
0x0B
INSTANCE
USB_SCUSB
DESCRIPTION
This register doesn't physically exist.
It is the same as the otg_ctrl register with read/set-only property (write '1' to set a particular bit, a write
'0' has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
DRVVBUS
CHRGVBUS
DPPULLDOWN
IDPULLUP
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
USEEXTERNALVBUSINDICATOR
RW
0
6
DRVVBUSEXTERNAL
RW
0
5
DRVVBUS
RW
0
4
CHRGVBUS
RW
0
3
DISCHRGVBUS
RW
0
2
DMPULLDOWN
RW
1
1
DPPULLDOWN
RW
1
0
IDPULLUP
RW
0
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
41
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com