Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 62 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 58Page - Texas Instruments TUSB1211 Datasheet HTML 59Page - Texas Instruments TUSB1211 Datasheet HTML 60Page - Texas Instruments TUSB1211 Datasheet HTML 61Page - Texas Instruments TUSB1211 Datasheet HTML 62Page - Texas Instruments TUSB1211 Datasheet HTML 63Page - Texas Instruments TUSB1211 Datasheet HTML 64Page - Texas Instruments TUSB1211 Datasheet HTML 65Page - Texas Instruments TUSB1211 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
5.4.37 VENDOR_SPECIFIC4
ADDRESS OFFSET
0x88
PHYSICAL ADDRESS
0x88
INSTANCE
USB_SCUSB
DESCRIPTION
Charger Detection SERX Status and PSW,VBUS ext resistor configuration register
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
ACA_DET_EN
RABUSIN_EN
R1KSERIES
PSW_OSOD
PSW_CMOS
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
RW
0
6
ACA_DET_EN
This bit is used to enable Accessory Charger Adapter (ACA)
RW
1
detection in Battery Charger State-Machine in active-mode
5
RABUSIN_EN
RW
1
This bit is used modify VBUS resistance to ground.
0: A-Device VBUS resistor RVBUS_IDLE_A is disabled. VBUS
resistance to ground becomes RVBUS_IDLE_B (see Section 4.18)
1: A-Device VBUS resistor RVBUS_IDLE_A is enabled (see
Section 4.18)
4
R1KSERIES
RW
1
This bit is used to indicate to TUSB1211 whether an external series
1kohm resistor is connected on VBUS. When this bit is set internal
VBUS comparator thresholds are adjusted so they remain in spec.
0: No external series resistor on VBUS
1: An external 1=k
Ω series resistor is connected on VBUS
3
PSW_OSOD
RW
0
This bit controls PSW pin configuration. It can be overridden by
PSW_CMOS bit below
‘0’: PSW pad is in OS mode (active high)
‘1’: PSW pad is in OD mode (active low)
2
PSW_CMOS
RW
0x0
This bit controls PSW pin configuration. It overrides PSW_OSOD
bit above.
‘0’ : PSW pad is in OD or OS mode (controlled by PSW_OD bit)
‘1’: PSW pad is in CMOS mode
62
Detailed Description
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com