Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
4.4
Power Consumption Summary
(1) (2)
TYPICAL POWER
MODE
CONDITIONS
SUPPLY
UNIT
CONSUMPTION
IVBAT
8
VBAT = 3.6 V, VDDIO = 1.8 V,
OFF
IVDDIO
1.8
µA
CS = 0 V
ITOTAL
9.8
IVBAT
251
VBUS = 5 V, VBAT = 3.6 V,
Suspend
VDDIO = 1.8 V, VCHRG_EN_N = 0 V,
IVDDIO
21
µA
no clock
ITOTAL
272
IVBAT
46.4
VBAT = 3.6 V, VDDIO = 1.8 V,
HS USB Mode
IVDDIO
1.3
mA
active USB transfer
ITOTAL
47.7
IVBAT
31.4
VBAT = 3.6 V, VDDIO = 1.8 V,
FS USB Mode
IVDDIO
1.3
mA
active USB transfer
ITOTAL
32.7
(1)
Describes the power consumption depending on the use cases.
(2)
Typical power consumption is obtained in nominal operating conditions of the TUSB1211 device.
4.5
Electrical Characteristics – Analog Output Pins
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHRG_DET OUTPUT PIN
CHRG_DET external pullup
When CHRG_POL pin = GND, that is, in open-
RCDETPUOD
60
100
k
Ω
resistor to VBAT
drain mode (active-low)
CHRG_DET minimum high-level
When CHRG_POL pin = GND, that is, in open-
0.7 ×
VOHCDETOD
V
output voltage
drain mode (active-low)
VBAT
CHRG_DET maximum current
When CHRG_POL pin = GND, that is, in open-
IOHCDETOD
2
mA
from VBAT
drain mode (active-low)
CHRG_DET external pulldown
When CHRG_POL pin = VBAT, that is, in open-
RCDETPDOS
60
100
k
Ω
resistor to GND
source mode (active-high)
CHRG_DET maximum low-level
When CHRG_POL pin = VBAT, that is, in open-
0.3 ×
VOLCDETOS
V
output voltage
source mode (active-high)
VBAT
CHRG_DET minimum current
When CHRG_POL pin = VBAT, that is, in open-
IOHCDETOS
–2
mA
from VBAT
source mode (active-high)
PSW OUTPUT PIN
PSW external pullup resistor to
RPSWPUOD
When configured in open-drain active low mode
60
100
k
Ω
VBAT
PSW minimum high-level output
When configured in open-drain active low mode or
0.7 ×
VOHPSW
V
voltage
CMOS mode
VBAT
PSW maximum current from
IOHPSWOD
When configured in open-drain active low mode
2
mA
VBAT
PSW external pulldown resistor
When configured in open-source active high mode
RPSWPDOS
60
100
k
Ω
to ground
(default)
PSW minimum high-level output
When configured in open-source active high mode
0.3 ×
VOLPSW
V
voltage
(default) or CMOS mode
VBAT
PSW maximum current from
When configured in open-source active high mode
IOHPSWOS
–2
mA
VBAT
(default)
Copyright © 2011–2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com