Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 36Page - Texas Instruments TUSB1211 Datasheet HTML 37Page - Texas Instruments TUSB1211 Datasheet HTML 38Page - Texas Instruments TUSB1211 Datasheet HTML 39Page - Texas Instruments TUSB1211 Datasheet HTML 40Page - Texas Instruments TUSB1211 Datasheet HTML 41Page - Texas Instruments TUSB1211 Datasheet HTML 42Page - Texas Instruments TUSB1211 Datasheet HTML 43Page - Texas Instruments TUSB1211 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
5.4.11 OTG_CTRL
ADDRESS OFFSET
0x0A
PHYSICAL ADDRESS
0x0A
INSTANCE
USB_SCUSB
DESCRIPTION
Controls UTMI+ OTG functions of the PHY.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
DRVVBUS
CHRGVBUS
DISCHRGVBUS
DMPULLDOWN
DPPULLDOWN
IDPULLUP
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
USEEXTERNALVBUSINDI
Tells the PHY to use an external VBUS over-current indicator.
RW
0
CATOR
EXTERNALVBUSINDICATOR input signal is the FAULT input pin of TUSB1211.
0b: Use the internal OTG comparator (VA_VBUS_VLD) or internal VBUS valid indicator
(default)
1b: Use external VBUS valid indicator signal.
6
DRVVBUSEXTERNAL
Selects between the internal and the external 5 V VBUS supply.
RW
0
0b: Drive VBUS using the internal charge pump.
This function does nothing as TUSB1211 does not include an internal charge-pump (default)
1b: Drive VBUS using external supply (assert PSW pin).
5
DRVVBUS
Signals the internal charge pump to drive 5 V on VBUS.
RW
0
0b : do not drive VBUS (deassert PSW pin)
1b : drive 5V on VBUS (assert PSW pin)
4
CHRGVBUS
Charge VBUS through a resistor. Used for VBUS pulsing SRP. The Link must first check that
RW
0
VBUS has been discharged (see DischrgVbus register bit), and that both DP and DM data
lines have been low (SE0) for 2 ms.
0b : do not charge VBUS
1b : charge VBUS
3
DISCHRGVBUS
Discharge VBUS through a resistor. If the Link sets this bit to 1, it waits for an RX CMD
RW
0
indicating SessEnd has transitioned from 0 to 1, and then resets this bit to 0 to stop the
discharge.
0b : do not discharge VBUS
1b : discharge VBUS
2
DMPULLDOWN
Enables the 15 k
Ω pulldown resistor on DM.
RW
1
0b : Pulldown resistor not connected to DM.
1b : Pulldown resistor connected to DM.
1
DPPULLDOWN
Enables the 15 k
Ω pulldown resistor on DP.
RW
1
0b : pulldown resistor not connected to DP.
1b : pulldown resistor connected to DP.
0
IDPULLUP
Connects a pullup to the ID line and enables sampling of the signal level.
RW
0
0b
Disable sampling of ID line. when IDPULLUP_WK_EN = 0
:
40
Detailed Description
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com