Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 71 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 67Page - Texas Instruments TUSB1211 Datasheet HTML 68Page - Texas Instruments TUSB1211 Datasheet HTML 69Page - Texas Instruments TUSB1211 Datasheet HTML 70Page - Texas Instruments TUSB1211 Datasheet HTML 71Page - Texas Instruments TUSB1211 Datasheet HTML 72Page - Texas Instruments TUSB1211 Datasheet HTML 73Page - Texas Instruments TUSB1211 Datasheet HTML 74Page - Texas Instruments TUSB1211 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
6.2.1
Design Requirements
Table 6-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VBAT
3.3 V
VDDIO
1.8 V
VBUS
5 V
USB Support
HS, FS, LS
USB Battery Charger Detection
Yes
USB On the Go (OTG)
Yes
Clock sources
26 MHz or 19.2 MHz oscillator
6.2.2
Detailed Design Procedure
Connect the TUSB12111 device as is shown in the suggested application diagram, Figure 6-1. Follow the
Board Guidelines of the Application Report, TUSB121x USB2.0 Board Guidelines (SWCA124)
Table 6-2. External Components
FUNCTION
COMPONENT
REFERENCE
VALUE
NOTE
VDDIO
Capacitor
CVDDIO.IN
100 nF
Suggested value, application dependent
Range: [0.45
μF : 6.5 μF]
REG3V3
Capacitor
CREG3V3
2.2 µF (recommended)
ESR = [0 : 600 m
Ω] for f > 10 kHz
Range: [0.45
μF : 6.5 μF]
REG1V5
Capacitor
CREG1V5
2.2 µF (recommended)
ESR = [0 : 600 m
Ω] for f > 10 kHz
Range: [0.45
μF : 6.5 μF]
VBAT
Capacitor
CBYP
2.2 µF (recommended)
ESR = [0 : 600 m
Ω] for f > 10 kHz
VBUS
Capacitor
CVBUS
4.7 µF (recommended)
Place close to USB connector
Table 6-3. VBUS Capacitors
FUNCTION
COMPONENT
REFERENCE
VALUE
NOTE
VBUS – HOST
Capacitor
CVBUS
> 120
μF
VBUS – DEVICE
Capacitor
CVBUS
4.7
μF
Range: 1.0
μF to 10.0 μF
VBUS – OTG
Capacitor
CVBUS
4.7
μF
Range: 1.0
μF to 6.5 μF
6.2.2.1
Unused Pins Connection
•
CHRG_DET Output. Leave floating if unused.
•
CHRG_POL Input. Tie to GND to make CHRG_DET pin active low if unused.
•
CHRG_EN_N Input. Tie to VBAT to disable dead-battery charger detection if unused.
•
SOF Output. Leave floating if unused.
•
REFCLK Input. If REFCLK is unused, and 60-MHz clock is provided by MODEM (60 MHz should be
connected to CLOCK pin in this case) then tie REFCLK to GND.
•
CFG tie to GND if REFCLK is 19.2 MHz, or tie to VDDIO if REFCLK is 26 MHz. Tie to either GND or
VDDIO (do not care which) if REFCLK not used (that is, ULPI input clock configuration).
Copyright © 2011–2015, Texas Instruments Incorporated
Application, Implementation, and Layout
71
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com