Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 24Page - Texas Instruments TUSB1211 Datasheet HTML 25Page - Texas Instruments TUSB1211 Datasheet HTML 26Page - Texas Instruments TUSB1211 Datasheet HTML 27Page - Texas Instruments TUSB1211 Datasheet HTML 28Page - Texas Instruments TUSB1211 Datasheet HTML 29Page - Texas Instruments TUSB1211 Datasheet HTML 30Page - Texas Instruments TUSB1211 Datasheet HTML 31Page - Texas Instruments TUSB1211 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
5.3.3.1
PHY Overview
The PHY is the physical signaling layer of the USB 2.0. It essentially contains all the drivers and receivers
required for physical data and protocol signaling on the DP and DM lines.
The PHY interfaces to the USB controller through a standard 12-pin digital interface called UTMI+ low pin
interface (ULPI).
The transmitters and receivers inside the PHY are classified into two main classes.
•
The full-speed (FS) and low-speed (LS) transceivers. These are the legacy USB1.x transceivers.
•
The HS (HS) transceivers
To bias the transistors and run the logic, the PHY also contains reference generation circuitry which
consists of:
•
A PLL which does a frequency multiplication to achieve the 480-MHz low-jitter clock necessary for
USB and also the clock required for the switched capacitor resistance block.
•
Internal biasing circuitry
Built-in pullup and pulldown resistors are used as part of the protocol signaling.
Apart from this, the PHY also contains circuitry which protects it from accidental short on the DP and DM
lines to 5 V or GND.
5.3.4
LS/FS Single-Ended Receivers
In addition to the differential receiver, there is a single-ended receiver (SE–, SE+) for each of the two data
lines DP/–. The main purpose of the single-ended receivers is to qualify the DP and DM signals in the full-
speed/low-speed modes of operation.
5.3.5
LS/FS Differential Receiver
A differential input receiver (Rx) retrieves the LS/FS differential data signaling. The differential voltage on
the line is converted into digital data by a differential comparator on DP/DM. This data is then sent to a
clock and data recovery circuit that recovers the clock from the data. An additional serial mode exists in
which the differential data is directly output on the RXRCV pin.
5.3.6
LS/FS Transmitter
The USB transceiver (Tx) uses a differential output driver to drive the USB data signal DP/– onto the USB
cable. The driver’s outputs support 3-state operation to achieve bidirectional half-duplex transactions.
5.3.7
HS Differential Receiver
The HS receiver consists of the following blocks:
•
A differential input comparator to receive the serial data
•
A squelch detector to qualify the received data
•
An oversampler-based clock data recovery scheme followed by a NRZI decoder, bit unstuffing, and
serial-to-parallel converter to generate the ULPI DATAOUT
28
Detailed Description
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com