Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 42Page - Texas Instruments TUSB1211 Datasheet HTML 43Page - Texas Instruments TUSB1211 Datasheet HTML 44Page - Texas Instruments TUSB1211 Datasheet HTML 45Page - Texas Instruments TUSB1211 Datasheet HTML 46Page - Texas Instruments TUSB1211 Datasheet HTML 47Page - Texas Instruments TUSB1211 Datasheet HTML 48Page - Texas Instruments TUSB1211 Datasheet HTML 49Page - Texas Instruments TUSB1211 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
5.4.17 USB_INT_EN_FALL
ADDRESS OFFSET
0x10
PHYSICAL ADDRESS
0x10
INSTANCE
USB_SCUSB
DESCRIPTION
If set, the bits in this register cause an interrupt event notification to be generated when the
corresponding PHY signal changes from low to high. By default, all transitions are enabled.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
IDGND_FALL
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
IDGND_FALL
Generate an interrupt event notification when IdGnd changes
RW
1
from high to low.
Event is automatically masked if IdPullup bit is clear to 0 and for
50ms after IdPullup is set to 1.
3
SESSEND_FALL
Generate an interrupt event notification when SessEnd changes
RW
1
from high to low.
2
SESSVALID_FALL
Generate an interrupt event notification when SessValid changes
RW
1
from high to low. SessValid is the same as UTMI+ AValid.
1
VBUSVALID_FALL
Generate an interrupt event notification when VbusValid changes
RW
1
from high to low.
0
HOSTDISCONNECT_FALL
Generate an interrupt event notification when Hostdisconnect
RW
1
changes from high to low. Applicable only in host mode
(DpPulldown and DmPulldown both set to 1b).
46
Detailed Description
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com