Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments TUSB1211 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
4.6
Electrical Characteristics – Analog Input Pins
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHRG_EN_N INPUT PIN
VILCDETENN
CHRG_EN_N maximum low-level input voltage
0.3
V
VIHCDETENN
CHRG_EN_N minimum high-level input voltage
1.0
V
CHRG_POL INPUT PIN
VILCHRG_POL
CHRG_POL maximum low-level input voltage
0.3
V
VIHCHRG_POL
CHRG_POL minimum high-level input voltage
1.0
V
FAULT INPUT PIN
VILFAULT
FAULT maximum low-level input voltage
0.3
V
VIHFAULT
FAULT minimum high-level input voltage
1.0
V
4.7
Digital I/O Electrical Characteristics – Non-ULPI Pins
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK
VOL
Low-level input voltage
0.4
V
Frequency = 60 MHz, Load = 10 pF
VOH
High-level input voltage
VDDIO – 0.45
V
STP, DIR, NXT, DATA0 to DATA7
VOL
Low-level input voltage
0.45
V
Frequency = 360 MHz, Load = 10 pF
VOH
High-level input voltage
VDDIO – 0.45
V
4.8
Digital I/O Electrical Characteristics – Non-ULPI Pins
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CS, CFG, RESETB INPUT PINS
VIL
Maximum low-level input voltage
0.35 × VDDIO
V
VIH
Minimum high-level input voltage
0.65 × VDDIO
V
RESET_N INPUT PIN TIMING SPECIFICATION
tw(POR)
Internal power-on reset pulse width
0.2
µs
Applied to external RESET_N pin when
CLOCK
tw(RESET)
External RESET_N pulse width
8
CLOCK is toggling.
cycles
4.9
Electrical Characteristics – REFCLK
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
VIL
Low level input voltage
0.35 × VDDIO
V
VIH
High level input voltage
0.65 × VDDIO
V
(1)
VDDIO voltage level = 1.8 V
10
Specifications
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com