Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 32Page - Texas Instruments TUSB1211 Datasheet HTML 33Page - Texas Instruments TUSB1211 Datasheet HTML 34Page - Texas Instruments TUSB1211 Datasheet HTML 35Page - Texas Instruments TUSB1211 Datasheet HTML 36Page - Texas Instruments TUSB1211 Datasheet HTML 37Page - Texas Instruments TUSB1211 Datasheet HTML 38Page - Texas Instruments TUSB1211 Datasheet HTML 39Page - Texas Instruments TUSB1211 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
5.4.6
FUNC_CTRL_SET
ADDRESS OFFSET
0x05
PHYSICAL ADDRESS
0x05
INSTANCE
USB_SCUSB
DESCRIPTION
This register doesn't physically exist.
It is the same as the func_ctrl register with read/set-only property (write '1' to set a particular bit, a write
'0' has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
SUSPENDM
RESET
OPMODE
TERMSELECT
XCVRSELECT
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
SUSPENDM
RW
1
5
RESET
RW
0
4:3
OPMODE
RW
0x0
2
TERMSELECT
RW
0
1:0
XCVRSELECT
RW
0x1
5.4.7
FUNC_CTRL_CLR
ADDRESS OFFSET
0x06
PHYSICAL ADDRESS
0x06
INSTANCE
USB_SCUSB
DESCRIPTION
This register doesn't physically exist.
It is the same as the func_ctrl register with read/clear-only property (write '1' to clear a particular bit, a
write '0' has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
SUSPENDM
RESET
OPMODE
TERMSELECT
XCVRSELECT
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
SUSPENDM
RW
1
5
RESET
RW
0
4:3
OPMODE
RW
0x0
2
TERMSELECT
RW
0
1:0
XCVRSELECT
RW
0x1
36
Detailed Description
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com