Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 70 Page - Texas Instruments

Part # TUSB1211
Description  Stand-Alone USB Transceiver Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 66Page - Texas Instruments TUSB1211 Datasheet HTML 67Page - Texas Instruments TUSB1211 Datasheet HTML 68Page - Texas Instruments TUSB1211 Datasheet HTML 69Page - Texas Instruments TUSB1211 Datasheet HTML 70Page - Texas Instruments TUSB1211 Datasheet HTML 71Page - Texas Instruments TUSB1211 Datasheet HTML 72Page - Texas Instruments TUSB1211 Datasheet HTML 73Page - Texas Instruments TUSB1211 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
Link
Controller
A3
A2
A1
B1
C
BYP
R
CDETPUOD
C
VDDIO
V
Supply
BAT
V
Supply
BAT
V
DDIO Supply
DATA0
DATA1
DATA2
DATA3
DATA0
DATA1
DATA2
DATA3
C6
B6
A6
A5
DATA4
DATA5
DATA6
DATA7
DATA4
DATA5
DATA6
DATA7
A4
E5
DIR
CLOCK
DIR
CLOCK
D6
D5
NXT
STP
NXT
STP
D4
E2
FAULT
EN
OUT
FAULT
PSW
D1
C1
D3
F4
V
BUS
ID
ID
DM
DP
B3
C4
F5
F6
C3
(B)
(D)
(E)
( )
D
C
(A)
(A)
SOF
CS_N
REFCLK
RESET_N
cS
SOF
REFCLK
RESET_N
CS
F3
B5
B2
V
DDIO
V
DDIO
V
BAT
C2
NC
C
VDD15
C
VDD33
B4
E3
REG3V3
CFG
E6
REG1V5
E1
F1
CHRG_POL
CHRG_EN_N
F2
CHRG_DET
To Charger
C5
D2
GND
GND
E4
GND
VBUS
USB Receptacle
No Connection
V
BUSSupply
ESD
TPD4S012
GND
DP
DM
SHIELD
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
6
Application, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
6.1
Application Information
Figure 6-1 shows the suggested application diagram (host or OTG, ULPI output-clock mode).
The TUSB1211 is a USB2.0 transceiver chip, designed to interface with a USB controller through a ULPI
interface. The device supports all USB2.0 data rates (high-speed, full-speed, and low-speed) and it is
compliant to both host and peripheral (OTG) modes. Use Section 6.2.1 and Section 6.2.2 to select the
wished operation mode. This section presents a simplified discussion of the design process.
6.2
Typical Application
A.
Optional: SOF (open if unused); RESET_N (tie to VDDIO if unused)
B.
Link controls chip select through CS pin with CS_N at GND. Alternatively, Link may control CS_N pin with CS pin tied
to VDDIO.
C.
CHRG_DET is active-low (tie CHRG_POL to VBAT for CHRG_DET active high).
D.
Dead battery charger detection is enabled (tie CHRG_EN_N to VBAT to disable).
E.
CFG tied to VDDIO for 26 MHz input at REFCLK (tie to GND for 19.2 MHz).
Figure 6-1. USB-OTG With ULPI Output Clock
70
Application, Implementation, and Layout
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com