Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 44 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 44 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 40Page - Texas Instruments TDA2EX Datasheet HTML 41Page - Texas Instruments TDA2EX Datasheet HTML 42Page - Texas Instruments TDA2EX Datasheet HTML 43Page - Texas Instruments TDA2EX Datasheet HTML 44Page - Texas Instruments TDA2EX Datasheet HTML 45Page - Texas Instruments TDA2EX Datasheet HTML 46Page - Texas Instruments TDA2EX Datasheet HTML 47Page - Texas Instruments TDA2EX Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
44
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
N6
uart3_txd
uart3_txd
0
O
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual Voltage
LVCMOS
PU/PD
rmii1_rxer
2
I
0
mii0_rxclk
3
I
0
vin2a_d2
4
I
0
vin1b_d2
5
I
0
spi3_d1
7
IO
0
spi4_cs1
8
IO
1
gpio5_19
14
IO
Driver off
15
I
AB7
usb1_dm
usb1_dm
0
IO
OFF
OFF
3.3
vdda33v_usb
1
NA
USBPHY
NA
AC6
usb1_dp
usb1_dp
0
IO
OFF
OFF
3.3
vdda33v_usb
1
NA
USBPHY
NA
AD3
usb1_drvvbus
usb1_drvvbus
0
O
PD
PD
15
1.8/3.3
vdda33v_usb
2
Yes
Dual Voltage
LVCMOS
PU/PD
timer16
7
IO
gpio6_12
14
IO
Driver off
15
I
AC5
usb2_dm
usb2_dm
0
IO
3.3
vdda33v_usb
2
No
USBPHY
NA
AB6
usb2_dp
usb2_dp
0
IO
3.3
vdda33v_usb
2
No
USBPHY
NA
AA6
usb2_drvvbus
usb2_drvvbus
0
O
PD
PD
15
1.8/3.3
vdda33v_usb
2
Yes
Dual Voltage
LVCMOS
PU/PD
timer15
7
IO
gpio6_13
14
IO
Driver off
15
I
AE5
usb_rxn0
usb_rxn0
0
I
OFF
OFF
1.8
vdda_usb1
NA
SERDES
NA
pcie_rxn1
1
I
AD6
usb_rxp0
usb_rxp0
0
I
OFF
OFF
1.8
vdda_usb1
NA
SERDES
NA
pcie_rxp1
1
I
AE3
usb_txn0
usb_txn0
0
O
1.8
vdda_usb1
NA
SERDES
NA
pcie_txn1
1
O
AD4
usb_txp0
usb_txp0
0
O
1.8
vdda_usb1
NA
SERDES
NA
pcie_txp1
1
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com