Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 98 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 98 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments TDA2EX Datasheet HTML 97Page - Texas Instruments TDA2EX Datasheet HTML 98Page - Texas Instruments TDA2EX Datasheet HTML 99Page - Texas Instruments TDA2EX Datasheet HTML 100Page - Texas Instruments TDA2EX Datasheet HTML 101Page - Texas Instruments TDA2EX Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
98
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x1790
CTRL_CORE_PAD_
MMC3_DAT3
W2
mmc3_dat3
spi3_cs1
uart5_rtsn
usb3_ulpi_d0
vin2b_d2
vin1a_d2
eQEP3_strob
e
gpio7_2
Driver off
0x1794
CTRL_CORE_PAD_
MMC3_DAT4
Y3
mmc3_dat4
spi4_sclk
uart10_rxd
usb3_ulpi_nxt vin2b_d1
vin1a_d1
ehrpwm3A
gpio1_22
Driver off
0x1798
CTRL_CORE_PAD_
MMC3_DAT5
AA1
mmc3_dat5
spi4_d1
uart10_txd
usb3_ulpi_dir
vin2b_d0
vin1a_d0
ehrpwm3B
gpio1_23
Driver off
0x179C
CTRL_CORE_PAD_
MMC3_DAT6
AA4
mmc3_dat6
spi4_d0
uart10_ctsn
usb3_ulpi_stp vin2b_de1
vin1a_hsync0 ehrpwm3_trip
zone_input
gpio1_24
Driver off
0x17A0
CTRL_CORE_PAD_
MMC3_DAT7
AB1
mmc3_dat7
spi4_cs0
uart10_rtsn
usb3_ulpi_clk vin2b_clk1
vin1a_vsync0 eCAP3_in_P
WM3_out
gpio1_25
Driver off
0x17A4
CTRL_CORE_PAD_S
PI1_SCLK
C24
spi1_sclk
gpio7_7
Driver off
0x17A8
CTRL_CORE_PAD_S
PI1_D1
D24
spi1_d1
gpio7_8
Driver off
0x17AC
CTRL_CORE_PAD_S
PI1_D0
D25
spi1_d0
gpio7_9
Driver off
0x17B0
CTRL_CORE_PAD_S
PI1_CS0
B24
spi1_cs0
gpio7_10
Driver off
0x17B4
CTRL_CORE_PAD_S
PI1_CS1
C25
spi1_cs1
spi2_cs1
gpio7_11
Driver off
0x17B8
CTRL_CORE_PAD_S
PI1_CS2
E24
spi1_cs2
uart4_rxd
mmc3_sdcd
spi2_cs2
dcan2_tx
mdio_mclk
hdmi1_hpd
gpio7_12
Driver off
0x17BC
CTRL_CORE_PAD_S
PI1_CS3
E25
spi1_cs3
uart4_txd
mmc3_sdwp
spi2_cs3
dcan2_rx
mdio_d
hdmi1_cec
gpio7_13
Driver off
0x17C0
CTRL_CORE_PAD_S
PI2_SCLK
G25
spi2_sclk
uart3_rxd
gpio7_14
Driver off
0x17C4
CTRL_CORE_PAD_S
PI2_D1
F25
spi2_d1
uart3_txd
gpio7_15
Driver off
0x17C8
CTRL_CORE_PAD_S
PI2_D0
G24
spi2_d0
uart3_ctsn
uart5_rxd
gpio7_16
Driver off
0x17CC
CTRL_CORE_PAD_S
PI2_CS0
F24
spi2_cs0
uart3_rtsn
uart5_txd
gpio7_17
Driver off
0x17D0
CTRL_CORE_PAD_D
CAN1_TX
H22
dcan1_tx
uart8_rxd
mmc2_sdcd
hdmi1_hpd
gpio1_14
Driver off
0x17D4
CTRL_CORE_PAD_D
CAN1_RX
H23
dcan1_rx
uart8_txd
mmc2_sdwp
hdmi1_cec
gpio1_15
Driver off
0x17E0
CTRL_CORE_PAD_U
ART1_RXD
L25
uart1_rxd
mmc4_sdcd
gpio7_22
Driver off
0x17E4
CTRL_CORE_PAD_U
ART1_TXD
M25
uart1_txd
mmc4_sdwp
gpio7_23
Driver off
0x17E8
CTRL_CORE_PAD_U
ART1_CTSN
L20
uart1_ctsn
uart9_rxd
mmc4_clk
gpio7_24
Driver off
0x17EC
CTRL_CORE_PAD_U
ART1_RTSN
M24
uart1_rtsn
uart9_txd
mmc4_cmd
gpio7_25
Driver off
0x17F0
CTRL_CORE_PAD_U
ART2_RXD
N23
uart2_rxd
uart3_ctsn
uart3_rctx
mmc4_dat0
uart2_rxd
uart1_dcdn
gpio7_26
Driver off
0x17F4
CTRL_CORE_PAD_U
ART2_TXD
N25
uart2_txd
uart3_rtsn
uart3_sd
mmc4_dat1
uart2_txd
uart1_dsrn
gpio7_27
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com