Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 97 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 97 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 93Page - Texas Instruments TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments TDA2EX Datasheet HTML 97Page - Texas Instruments TDA2EX Datasheet HTML 98Page - Texas Instruments TDA2EX Datasheet HTML 99Page - Texas Instruments TDA2EX Datasheet HTML 100Page - Texas Instruments TDA2EX Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
97
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x1730
CTRL_CORE_PAD_
MCASP3_AXR1
B23
mcasp3_axr1
mcasp2_axr1
5
uart7_rtsn
uart5_txd
vin1a_d0
Driver off
0x1734
CTRL_CORE_PAD_
MCASP4_ACLKX
C23
mcasp4_aclkx mcasp4_aclkr spi3_sclk
uart8_rxd
i2c4_sda
Driver off
0x1738
CTRL_CORE_PAD_
MCASP4_FSX
B25
mcasp4_fsx
mcasp4_fsr
spi3_d1
uart8_txd
i2c4_scl
Driver off
0x173C
CTRL_CORE_PAD_
MCASP4_AXR0
A24
mcasp4_axr0
spi3_d0
uart8_ctsn
uart4_rxd
i2c6_scl
Driver off
0x1740
CTRL_CORE_PAD_
MCASP4_AXR1
D23
mcasp4_axr1
spi3_cs0
uart8_rtsn
uart4_txd
i2c6_sda
Driver off
0x1744
CTRL_CORE_PAD_
MCASP5_ACLKX
AC3
mcasp5_aclkx mcasp5_aclkr spi4_sclk
uart9_rxd
i2c5_sda
Driver off
0x1748
CTRL_CORE_PAD_
MCASP5_FSX
U6
mcasp5_fsx
mcasp5_fsr
spi4_d1
uart9_txd
i2c5_scl
Driver off
0x174C
CTRL_CORE_PAD_
MCASP5_AXR0
AA5
mcasp5_axr0
spi4_d0
uart9_ctsn
uart3_rxd
Driver off
0x1750
CTRL_CORE_PAD_
MCASP5_AXR1
AC4
mcasp5_axr1
spi4_cs0
uart9_rtsn
uart3_txd
Driver off
0x1754
CTRL_CORE_PAD_
MMC1_CLK
U3
mmc1_clk
gpio6_21
Driver off
0x1758
CTRL_CORE_PAD_
MMC1_CMD
V4
mmc1_cmd
gpio6_22
Driver off
0x175C
CTRL_CORE_PAD_
MMC1_DAT0
V3
mmc1_dat0
gpio6_23
Driver off
0x1760
CTRL_CORE_PAD_
MMC1_DAT1
V2
mmc1_dat1
gpio6_24
Driver off
0x1764
CTRL_CORE_PAD_
MMC1_DAT2
W1
mmc1_dat2
gpio6_25
Driver off
0x1768
CTRL_CORE_PAD_
MMC1_DAT3
V1
mmc1_dat3
gpio6_26
Driver off
0x176C
CTRL_CORE_PAD_
MMC1_SDCD
U5
mmc1_sdcd
uart6_rxd
i2c4_sda
gpio6_27
Driver off
0x1770
CTRL_CORE_PAD_
MMC1_SDWP
V5
mmc1_sdwp
uart6_txd
i2c4_scl
gpio6_28
Driver off
0x1774
CTRL_CORE_PAD_
GPIO6_10
Y5
gpio6_10
mdio_mclk
i2c3_sda
usb3_ulpi_d7
vin2b_hsync1
vin1a_clk0
ehrpwm2A
gpio6_10
Driver off
0x1778
CTRL_CORE_PAD_
GPIO6_11
Y6
gpio6_11
mdio_d
i2c3_scl
usb3_ulpi_d6
vin2b_vsync1
vin1a_de0
ehrpwm2B
gpio6_11
Driver off
0x177C
CTRL_CORE_PAD_
MMC3_CLK
Y2
mmc3_clk
usb3_ulpi_d5
vin2b_d7
vin1a_d7
ehrpwm2_trip
zone_input
gpio6_29
Driver off
0x1780
CTRL_CORE_PAD_
MMC3_CMD
Y1
mmc3_cmd
spi3_sclk
usb3_ulpi_d4
vin2b_d6
vin1a_d6
eCAP2_in_P
WM2_out
gpio6_30
Driver off
0x1784
CTRL_CORE_PAD_
MMC3_DAT0
Y4
mmc3_dat0
spi3_d1
uart5_rxd
usb3_ulpi_d3
vin2b_d5
vin1a_d5
eQEP3A_in
gpio6_31
Driver off
0x1788
CTRL_CORE_PAD_
MMC3_DAT1
AA2
mmc3_dat1
spi3_d0
uart5_txd
usb3_ulpi_d2
vin2b_d4
vin1a_d4
eQEP3B_in
gpio7_0
Driver off
0x178C
CTRL_CORE_PAD_
MMC3_DAT2
AA3
mmc3_dat2
spi3_cs0
uart5_ctsn
usb3_ulpi_d1
vin2b_d3
vin1a_d3
eQEP3_index gpio7_1
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com