Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 61 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 61 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 57Page - Texas Instruments TDA2EX Datasheet HTML 58Page - Texas Instruments TDA2EX Datasheet HTML 59Page - Texas Instruments TDA2EX Datasheet HTML 60Page - Texas Instruments TDA2EX Datasheet HTML 61Page - Texas Instruments TDA2EX Datasheet HTML 62Page - Texas Instruments TDA2EX Datasheet HTML 63Page - Texas Instruments TDA2EX Datasheet HTML 64Page - Texas Instruments TDA2EX Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 391 page
background image
61
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-5. CSI 2 Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
csi2_0_dx0
Serial data/clock input - line 0 (position 1)
I
AC1
csi2_0_dy0
Serial data/clock input - line 0 (position 1)
I
AB2
csi2_0_dx1
Serial data/clock input - line 1 (position 2)
I
AD1
csi2_0_dy1
Serial data/clock input - line 1 (position 2)
I
AC2
csi2_0_dx2
Serial data/clock input - line 2 (position 3)
I
AE2
csi2_0_dy2
Serial data/clock input - line 2 (position 3)
I
AD2
4.3.5
EMIF
NOTE
For more information, see the Memory Subsystem / EMIF Controller section of the device
TRM.
NOTE
The index number 1 which is part of the EMIF1 signal prefixes (ddr1_*) listed in Table 4-6,
EMIF Signal Descriptions, column "SIGNAL NAME" not to be confused with DDR1 type of
SDRAM memories.
Table 4-6. EMIF Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_csn0
EMIF1 Chip Select 0
O
AC19
ddr1_cke
EMIF1 Clock Enable
O
AB18
ddr1_ck
EMIF1 Clock
O
AD21
ddr1_nck
EMIF1 Negative Clock
O
AE21
ddr1_odt0
EMIF1 On-Die Termination for Chip Select 0
O
AD18
ddr1_casn
EMIF1 Column Address Strobe
O
AD16
ddr1_rasn
EMIF1 Row Address Strobe
O
AD17
ddr1_wen
EMIF1 Write Enable
O
AE18
ddr1_rst
EMIF1 Reset output (DDR3-SDRAM only)
O
AE17
ddr1_ba0
EMIF1 Bank Address
O
AE16
ddr1_ba1
EMIF1 Bank Address
O
AA16
ddr1_ba2
EMIF1 Bank Address
O
AB16
ddr1_a0
EMIF1 Address Bus
O
AC18
ddr1_a1
EMIF1 Address Bus
O
AE19
ddr1_a2
EMIF1 Address Bus
O
AD19
ddr1_a3
EMIF1 Address Bus
O
AB19
ddr1_a4
EMIF1 Address Bus
O
AD20
ddr1_a5
EMIF1 Address Bus
O
AE20
ddr1_a6
EMIF1 Address Bus
O
AA18
ddr1_a7
EMIF1 Address Bus
O
AA20
ddr1_a8
EMIF1 Address Bus
O
Y21
ddr1_a9
EMIF1 Address Bus
O
AC20
ddr1_a10
EMIF1 Address Bus
O
AA21
ddr1_a11
EMIF1 Address Bus
O
AC21
ddr1_a12
EMIF1 Address Bus
O
AC22
ddr1_a13
EMIF1 Address Bus
O
AC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com