Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 77 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 77 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments TDA2EX Datasheet HTML 78Page - Texas Instruments TDA2EX Datasheet HTML 79Page - Texas Instruments TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 391 page
background image
77
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-19. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio2_1
General-Purpose Input/Output
IO
L3
gpio2_2
General-Purpose Input/Output
IO
G1
gpio2_3
General-Purpose Input/Output
IO
H3
gpio2_4
General-Purpose Input/Output
IO
H4
gpio2_5
General-Purpose Input/Output
IO
K6
gpio2_6
General-Purpose Input/Output
IO
K5
gpio2_7
General-Purpose Input/Output
IO
G2
gpio2_8
General-Purpose Input/Output
IO
F2
gpio2_9
General-Purpose Input/Output
IO
A4
gpio2_10
General-Purpose Input/Output
IO
E7
gpio2_11
General-Purpose Input/Output
IO
D6
gpio2_12
General-Purpose Input/Output
IO
C5
gpio2_13
General-Purpose Input/Output
IO
B5
gpio2_14
General-Purpose Input/Output
IO
D7
gpio2_15
General-Purpose Input/Output
IO
C6
gpio2_16
General-Purpose Input/Output
IO
A5
gpio2_17
General-Purpose Input/Output
IO
B6
gpio2_18
General-Purpose Input/Output
IO
A6
gpio2_19
General-Purpose Input/Output
IO
F3
gpio2_20
General-Purpose Input/Output
IO
G4
gpio2_21
General-Purpose Input/Output
IO
G3
gpio2_22
General-Purpose Input/Output
IO
L4
gpio2_23
General-Purpose Input/Output
IO
H5
gpio2_24
General-Purpose Input/Output
IO
G5
gpio2_25
General-Purpose Input/Output
IO
G6
gpio2_26
General-Purpose Input/Output
IO
H2
gpio2_27
General-Purpose Input/Output
IO
H6
gpio2_28
General-Purpose Input/Output
IO
F6
gpio2_29
General-Purpose Input/Output
IO
D20
GPIO 3
gpio3_28
General-Purpose Input/Output
IO
D8
gpio3_29
General-Purpose Input/Output
IO
B7
gpio3_30
General-Purpose Input/Output
IO
C7
gpio3_31
General-Purpose Input/Output
IO
E8
GPIO 4
gpio4_0
General-Purpose Input/Output
IO
B8
gpio4_1
General-Purpose Input/Output
IO
C8
gpio4_2
General-Purpose Input/Output
IO
B9
gpio4_3
General-Purpose Input/Output
IO
A7
gpio4_4
General-Purpose Input/Output
IO
A9
gpio4_5
General-Purpose Input/Output
IO
A8
gpio4_6
General-Purpose Input/Output
IO
A11
gpio4_7
General-Purpose Input/Output
IO
F10
gpio4_8
General-Purpose Input/Output
IO
A10
gpio4_9
General-Purpose Input/Output
IO
B10
gpio4_10
General-Purpose Input/Output
IO
E10
gpio4_11
General-Purpose Input/Output
IO
D10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com