Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 93 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 93 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 89Page - Texas Instruments TDA2EX Datasheet HTML 90Page - Texas Instruments TDA2EX Datasheet HTML 91Page - Texas Instruments TDA2EX Datasheet HTML 92Page - Texas Instruments TDA2EX Datasheet HTML 93Page - Texas Instruments TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments TDA2EX Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
93
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x14D0
CTRL_CORE_PAD_
GPMC_BEN0
H2
gpmc_ben0
gpmc_cs4
vin2b_de1
timer2
dma_evt3
gpio2_26
gpmc_a21
Driver off
0x14D4
CTRL_CORE_PAD_
GPMC_BEN1
H6
gpmc_ben1
gpmc_cs5
vin2b_clk1
gpmc_a3
vin2b_fld1
timer1
dma_evt4
gpio2_27
gpmc_a22
Driver off
0x14D8
CTRL_CORE_PAD_
GPMC_WAIT0
F6
gpmc_wait0
gpio2_28
gpmc_a25
gpmc_a15
Driver off
0x1554
CTRL_CORE_PAD_V
IN2A_CLK0
D8
vin2a_clk0
vout2_fld
emu5
eQEP1A_in
gpio3_28
gpmc_a27
gpmc_a17
Driver off
0x1558
CTRL_CORE_PAD_V
IN2A_DE0
B7
vin2a_de0
vin2a_fld0
vin2b_fld1
vin2b_de1
vout2_de
emu6
eQEP1B_in
gpio3_29
Driver off
0x155C
CTRL_CORE_PAD_V
IN2A_FLD0
C7
vin2a_fld0
vin2b_clk1
vout2_clk
emu7
eQEP1_index gpio3_30
gpmc_a27
gpmc_a18
Driver off
0x1560
CTRL_CORE_PAD_V
IN2A_HSYNC0
E8
vin2a_hsync0
vin2b_hsync1 vout2_hsync
emu8
uart9_rxd
spi4_sclk
eQEP1_strob
e
gpio3_31
gpmc_a27
Driver off
0x1564
CTRL_CORE_PAD_V
IN2A_VSYNC0
B8
vin2a_vsync0
vin2b_vsync1 vout2_vsync
emu9
uart9_txd
spi4_d1
ehrpwm1A
gpio4_0
Driver off
0x1568
CTRL_CORE_PAD_V
IN2A_D0
C8
vin2a_d0
vout2_d23
emu10
uart9_ctsn
spi4_d0
ehrpwm1B
gpio4_1
Driver off
0x156C
CTRL_CORE_PAD_V
IN2A_D1
B9
vin2a_d1
vout2_d22
emu11
uart9_rtsn
spi4_cs0
ehrpwm1_trip
zone_input
gpio4_2
Driver off
0x1570
CTRL_CORE_PAD_V
IN2A_D2
A7
vin2a_d2
vout2_d21
emu12
uart10_rxd
eCAP1_in_P
WM1_out
gpio4_3
Driver off
0x1574
CTRL_CORE_PAD_V
IN2A_D3
A9
vin2a_d3
vout2_d20
emu13
uart10_txd
ehrpwm1_syn
ci
gpio4_4
Driver off
0x1578
CTRL_CORE_PAD_V
IN2A_D4
A8
vin2a_d4
vout2_d19
emu14
uart10_ctsn
ehrpwm1_syn
co
gpio4_5
Driver off
0x157C
CTRL_CORE_PAD_V
IN2A_D5
A11
vin2a_d5
vout2_d18
emu15
uart10_rtsn
eQEP2A_in
gpio4_6
Driver off
0x1580
CTRL_CORE_PAD_V
IN2A_D6
F10
vin2a_d6
vout2_d17
emu16
mii1_rxd1
eQEP2B_in
gpio4_7
Driver off
0x1584
CTRL_CORE_PAD_V
IN2A_D7
A10
vin2a_d7
vout2_d16
emu17
mii1_rxd2
eQEP2_index gpio4_8
Driver off
0x1588
CTRL_CORE_PAD_V
IN2A_D8
B10
vin2a_d8
vout2_d15
emu18
mii1_rxd3
eQEP2_strob
e
gpio4_9
gpmc_a26
Driver off
0x158C
CTRL_CORE_PAD_V
IN2A_D9
E10
vin2a_d9
vout2_d14
emu19
mii1_rxd0
ehrpwm2A
gpio4_10
gpmc_a25
Driver off
0x1590
CTRL_CORE_PAD_V
IN2A_D10
D10
vin2a_d10
mdio_mclk
vout2_d13
ehrpwm2B
gpio4_11
gpmc_a24
Driver off
0x1594
CTRL_CORE_PAD_V
IN2A_D11
C10
vin2a_d11
mdio_d
vout2_d12
ehrpwm2_trip
zone_input
gpio4_12
gpmc_a23
Driver off
0x1598
CTRL_CORE_PAD_V
IN2A_D12
B11
vin2a_d12
rgmii1_txc
vout2_d11
mii1_rxclk
eCAP2_in_P
WM2_out
gpio4_13
Driver off
0x159C
CTRL_CORE_PAD_V
IN2A_D13
D11
vin2a_d13
rgmii1_txctl
vout2_d10
mii1_rxdv
eQEP3A_in
gpio4_14
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com